| Electronic Components Datasheet Search |
|
UPSD3422EB40U6 Datasheet(PDF) 158 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6 Datasheet(HTML) 158 Page - STMicroelectronics |
|
158 / 300 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) USB interface UPSD3422, UPSD3433, UPSD3434, UPSD3454 158/300 Figure 53. FIFOs with no pairing ● Pairing FIFOs example Now assume that IN Endpoint1 and Endpoint2 FIFOs are paired for double buffering and the same 1024 bytes of data are to be transferred to the host. As in the non- pairing example, the CPU loads the IN Endpoint0 FIFO with 64 bytes of data. Instead of having to wait for the SIE to transfer the 64 bytes of data to the host, the CPU can write another 64 bytes of data to IN Endpoint0 FIFO. While the CPU is writing the second packet of 64 bytes of data into the FIFO, the SIE is sending the first packet of 64 bytes of data to the host. After the CPU has written the second packet of 64 bytes to the FIFO, it waits a shorter amount of time for the SIE to complete sending the first packet of data since they were working concurrently. As soon as the first packet is sent by the SIE, the second packet is immediately available to be sent by the SIE since the FIFO was already loaded by the MCU. Also, after the first packet is sent by the SIE, the alternate FIFO is available for the MCU to load the third packet of 64 bytes of data. With double buffering, the MCU is able to always have a FIFO loaded and ready with data to be sent by the SIE when the host sends an IN token maximizing the data transfer rate. 8032 MCU USB SFRs Serial interface engine CTRL XDATA S F R b u s AI10493b Endpoint4 IN FIFO Endpoint3 IN FIFO Endpoint2 IN FIFO Endpoint1 IN FIFO Endpoint0 IN FIFO Endpoint0 OUT FIFO Endpoint1 OUT FIFO Endpoint2 OUT FIFO Endpoint3 OUT FIFO Endpoint4 OUT FIFO FIFO interface logic Endpoint4 Endpoint3 Endpoint2 Endpoint1 Endpoint0 Endpoint0 Endpoint1 Endpoint2 Endpoint3 Endpoint4 Obsolete Product(s) - Obsolete Product(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |