Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 271 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 271 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 267Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 268Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 269Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 270Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 271Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 272Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 273Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 274Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 275Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
DC and AC parameters
271/300
Table 210.
Major parameters
Parameter
Test
conditions/comments
5.0 V value
3.3 V value
Unit
Operating voltage
–
4.5 to 5.5 (PSD);
3.0 to 3.6 (MCU)
3.0 to 3.6
(PSD and MCU)
V
Operating temperature
–
–40 to 85
–40 to 85
°C
MCU frequency
8 MHz (min) for I2C
3 Min, 40 Max
3 Min, 40 Max
MHz
Operating current,
typical(1) (20% of PLD
used; 25°C operation. Bus
control signals are blocked
from the PLD in Non-turbo
mode.)
1.
Operating current is measured while the UPSD34xx is executing a typical program at 40 MHz.
40 MHz crystal, Turbo
79
63
mA
40 MHz crystal, non-Turbo
71
58
mA
8 MHz crystal, Turbo
32
24
mA
8 MHz crystal, non-Turbo
17.7
14
mA
Idle current, typical
(20% of PLD used; 25°C
operation)
40 MHz crystal divided by
2048 internally.
All interfaces are disabled.
19
18
mA
Standby current, typical
Power-down mode needs
reset to exit.
140
120
µA
I/O sink/source current,
ports A, B, C, and D
VOL = 0.45 V (max);
VOH = 2.4 V (min)
IOL = 8 (max);
IOH = –2 (min)
IOL = 4 (max);
IOH = –1 (min)
mA
I/O sink/source current,
port 4
VOL = 0.6 V (max);
VOH = 2.4 V (min)
IOL = 10 (max);
IOH = –10 (min)
IOL = 10 (max);
IOH = –10 (min)
mA
PLD macrocells
For registered or
combinatorial logic
16
16
–
PLD inputs
Inputs from pins,
feedback, or MCU
addresses
69
69
–
PLD outputs
Output to pins or internal
feedback
18
18
–
PLD propagation delay,
typical, Turbo mode
PLD input to output
15
22
ns
Table 211.
MCU module DC characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC,
AVCC
Supply voltage(1)
3.0
3.6
V
VIH
High level input voltage (ports
0, 1, 3, 4, XTAL1, RESET)
5 V tolerant - max voltage 5.5 V
3.0 V < VCC < 3.6 V
0.7VCC
5.5(2)
V
VIL
Low level input voltage (ports
0, 1, 3, 4, XTAL1, RESET)
3.0 V < VCC < 3.6 V VSS – 0.5
0.3VCC
V
VOL1
Output low voltage (port 4)
IOL = 10 mA
0.6
V
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com