Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 272 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 272 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 268Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 269Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 270Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 271Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 272Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 273Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 274Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 275Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 276Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
DC and AC parameters
UPSD3422, UPSD3433, UPSD3434, UPSD3454
272/300
VOL2
Output low voltage (other
ports)
IOL =5 mA
0.6
V
V
VOH2
Output high voltage (Port 0
push-pull)
IOH = –5 mA
2.4
V
V
VOH3
Output high voltage (other
ports bidirectional mode)
IOH = –20 µA
2.4
V
VOP
XTAL open bias voltage
(XTAL1, XTAL2)
IOL = 3.2 mA
1.0
2.0
V
IRST
RESET pin pull-up current
(RESET)
VIN = VSS
–10
–55
µA
IFR
XTAL feedback resistor current
(XTAL1)
XTAL1 = VCC; XTAL2
= VSS
–20
50
µA
IIHL1
Input high leakage current (port
0)
VSS < VIN < 5.5 V
–10
10
µA
IIHL2
Input high leakage current
(ports 1, 3, 4)
VIH = 2.3 V
–10
10
µA
IILL
Input low leakage current
(ports 1, 3, 4)
VIL < 0.5 V
–10
10
µA
IPD
(3)
Power-down mode
VCC = 3.6 V
65
95
µA
ICC-CPU
(4)(5)(6)
Active - 12 MHz
VCC = 3.6 V
14
20
mA
Idle - 12 MHz
10
12
mA
Active - 24 MHz
VCC = 3.6 V
19
30
mA
Idle - 24 MHz
13
17
mA
Active - 40 MHz
VCC = 3.6 V
26
40
mA
Idle - 40 MHz
17
22
mA
1.
Power supply (VCC, AVCC) is always 3.0 to 3.6 V for the MCU module. VDD for the PSD module may be
3 V or 5 V.
2.
Port 1 is not 5 V tolerant; maximum VIH = VCC + 0.5.
3.
IPD (Power-down Mode) is measured with: XTAL1 = VSS; XTAL2 = NC; RESET = VCC; Port 0 = VCC; all
other pins are disconnected.
4.
ICC-CPU (Active mode) is measured with: XTAL1 driven with tCLCH, tCHCL = 5 ns, VIL = VSS + 0.5 V, VIH =
VCC – 0.5 V, XTAL2 = NC; RESET = VSS; Port 0 = VCC; all other pins are disconnected. ICC would be
slightly higher if a crystal oscillator is used (approximately 1mA).
5.
ICC-CPU (Idle Mode) is measured with: XTAL1 driven with tCLCH, tCHCL = 5 ns, VIL = VSS + 0.5 V, VIH = VCC
– 0.5 V, XTAL2 = NC; RESET = VCC; Port 0 = VCC; all other pins are disconnected. ICC would be slightly
higher if a crystal oscillator is used (approximately 1 mA). All IP clocks are disabled and the MCU clock is
set to fOSC/2048.
6.
I/O current = 0 mA, all I/O pins are disconnected.
Table 211.
MCU module DC characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com