Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 277 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 277 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 273Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 274Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 275Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 276Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 277Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 278Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 279Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 280Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 281Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
DC and AC parameters
277/300
Table 217.
External clock drive
Symbol
Parameter
Variable oscillator 1/tCLCL = 3 to 40 MHz
Unit
Min
Max
tCLCL
Oscillator period
25
333
ns
tCHCX
High time
10
tCLCL – tCLCX
ns
tCLCX
Low time
10
tCLCL – tCLCX
ns
tCLCH
Rise time
10
ns
tCHCL
Fall time
10
ns
Table 218.
A/D analog specification
Symbol
Parameter
Test conditions(1)
1.
fIN 2kHz, ACLK = 8MHz, AVREF = AVCC = 3.3 V.
Min.
Typ.
Max.
Unit
IDD
Normal
Input = AVREF
4.0
mA
Power-down
40
µA
AVIN
Analog input voltage
GND
AVREF
V
AVREF
(2)
(3)
2.
AVREF = AVCC in 52-pin package.
3.
If the A/D converter is not used, connect AVCC/AVREF to VCC.
Analog reference voltage
3.6
V
Accuracy Resolution
10
bits
INL
Integral nonlinearity
Input = 0 to AVREF (V)
fOSC ≤32MHz
±2
LSB
DNL
Differential nonlinearity
Input = 0 to AVREF (V)
fOSC ≤32MHz
±2
LSB
SNR
Signal to noise ratio
fSAMPLE = 500ksps
50
54
dB
SNDR
Signal to noise distortion
ratio
48
52
dB
ACLK
ADC clock
2
8
16
MHz
tC
Conversion time
8MHz
1
4
8
µs
tCAL
Power-up time
Calibration Time
16
ms
fIN
Analog input frequency
60
kHz
THD
Total harmonic distortion
50
54
dB
Table 219.
USB transceiver specification
Symbol
Parameter
Test conditions(1)
Min.
Typ.
Max.
Unit
UVOH
High output voltage
VDD = 3.3 V; IOUT =
2.2mA
3–
V
UVOL
Low output voltage
VDD = 3.3 V; IOUT =
2.2mA
–0.25
V
UVIH
High input voltage
VDD = 3.6 V
2
–
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com