Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 287 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 287 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 283Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 284Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 285Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 286Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 287Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 288Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 289Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 290Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 291Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
DC and AC parameters
287/300
Figure 108. MCU module AC measurement I/O waveform
1.
AC inputs during testing are driven at VCC–0.5 V for a logic '1,' and 0.45 V for a logic '0.'
2.
Timing measurements are made at VIH(min) for a logic '1,' and VIL(max) for a logic '0'
Figure 109. PSD module AC float I/O waveform
1.
For timing purposes, a port pin is considered to be no longer floating when a 100 mV change from load
voltage occurs, and begins to float when a 100 mV change from the loaded VOH or VOL level occurs
2.
IOL and IOH ≥ 20 mA
tISCPCO ISC port clock to output
21
ns
tISCPZV ISC port high-impedance to valid output
21
ns
tISCPVZ ISC port valid output to high-impedance
21
ns
1.
For non-PLD programming, erase or in ISC bypass mode.
2.
For program or erase PLD only.
Table 235.
ISC timing (3 V PSD module)
Symbol
Parameter
Conditions
Min
Max
Unit
tISCCF
Clock (TCK, PC1) frequency (except for PLD)
(1)
1.
For non-PLD programming, erase or in ISC bypass mode.
16
MHz
tISCCH
Clock (TCK, PC1) high time (except for PLD)
40
ns
tISCCL
Clock (TCK, PC1) low time (except for PLD)
40
ns
tISCCFP Clock (TCK, PC1) frequency (PLD only)
(2)
2.
For program or erase PLD only.
4MHz
tISCCHP Clock (TCK, PC1) high time (PLD only)
90
ns
tISCCLP Clock (TCK, PC1) low time (PLD only)
90
ns
tISCPSU ISC port setup time
12
ns
tISCPH
ISC port hold up time
5
ns
tISCPCO ISC port clock to output
30
ns
tISCPZV ISC port high-impedance to valid output
30
ns
tISCPVZ ISC port valid output to high-impedance
30
ns
Table 234.
ISC timing (5 V PSD module) (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
AI06650
VCC – 0.5V
0.45V
Test Points
0.2 VCC – 0.1V
0.2 VCC + 0.9V
AI06651
Test Reference Points
VOL + 0.1V
VOH – 0.1V
VLOAD – 0.1V
VLOAD + 0.1V
0.2 VCC – 0.1V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com