Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 283 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 283 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 279Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 280Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 281Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 282Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 283Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 284Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 285Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 286Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 287Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
DC and AC parameters
283/300
Figure 104. Input macrocell timing (product term clock)
Table 226.
Input macrocell timing (5 V PSD module)
Symbol
Parameter
Conditions
Min
Max
PT
Aloc
Turbo
off
Unit
tIS
Input setup time
(1)
1.
Inputs from Port A, B, and C relative to register/ latch clock from the PLD. ALE/AS latch timings refer to
tAVLX and tLXAX.
0ns
tIH
Input hold time
15
+ 10
ns
tINH
NIB input high time
9
ns
tINL
NIB input low time
9
ns
tINO
NIB input to combinatorial
delay
34
+ 2
+ 10
ns
Table 227.
Input macrocell timing (3 V PSD module)
Symbol
Parameter
Conditions
Min
Max
PT
Aloc
Turbo
off
Unit
tIS
Input setup time
(1)
1.
Inputs from Port A, B, and C relative to register/latch clock from the PLD. ALE latch timings refer to tAVLX
and tLXAX.
0ns
tIH
Input hold time
(Note 1)
25
+ 15
ns
tINH
NIB input high time
(Note 1)
12
ns
tINL
NIB input low time
(Note 1)
12
ns
tINO
NIB input to combinatorial delay
(Note 1)
43
+ 4
+ 15
ns
Table 228.
Program, WRITE and erase times (5 V, 3 V PSD modules)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Flash program
8.5
s
Flash bulk erase(1) (pre-programmed)
3(2)
10
s
Flash bulk erase (not pre-programmed)
5
s
tWHQV3
Sector erase (pre-programmed)
1
10
s
tWHQV2
Sector erase (not pre-programmed)
2.2
s
tWHQV1
byte program
14
150
µs
Program / erase cycles (per sector)
100 000
cycles
tINH
tINL
tINO
tIH
tIS
PT CLOCK
INPUT
OUTPUT
AI03101
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com