Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RMH25-04MP Datasheet(PDF) 2 Page - Japan Automatic Machine Co., Ltd.

Part # RMH25-04MP
Description  2 Rectangular Connectors - Housings Receptacle White 0.098" (2.50mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.

RMH25-04MP Datasheet(HTML) 2 Page - Japan Automatic Machine Co., Ltd.

  RMH25-04MP Datasheet HTML 1Page - Japan Automatic Machine Co., Ltd. RMH25-04MP Datasheet HTML 2Page - Japan Automatic Machine Co., Ltd. RMH25-04MP Datasheet HTML 3Page - Japan Automatic Machine Co., Ltd. RMH25-04MP Datasheet HTML 4Page - Japan Automatic Machine Co., Ltd. RMH25-04MP Datasheet HTML 5Page - Japan Automatic Machine Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wire to Wire
Connector
192
RMH
(UNIT:mm)
極 数
Pole No.
A
B
C
5
14.2
17.4
11.9
6
16.7
19.9
11.9
7
19.2
22.4
11.9
8
21.7
24.9
14.9
9
24.2
27.4
14.9
10
26.7
29.9
14.9
11
29.2
32.4
14.9
12
31.7
34.9
14.9
13
34.2
37.4
14.9
搭載機種
Loaded Model
端子番号
Terminal No.
圧着マシン
Crimping Machine
ストリップクリンパー
Strip Crimper
725411
TJS-18000
725412
注1)アプリケータは搭載するマシンにより型式番号が異なります。
注2)シールド線・同軸ケーブル・小サイズ電線・その他の特殊仕様の電線を使用の時は、お問
い合わせ下さい。
Note 1)Model number of each applicator is decided by setting machine.
Note 2)Contact us if special wire like shielded wire, coaxial cable, small size
wire is used.
(UNIT:mm)
注1)上図の形状寸法通り、ばりなどがないように穴あけ加工して下さい
注2)複数のパネル穴を隣接してあける場合には、パネルの強度を充分注意して下さい
注3)パネル穴製作の場合には、コネクターのパネル挿入方向が、穴あけ加工方向と同一にな
るようにご注意下さい。
Note 1)Make holes without flash, followed the above drawing dimensions.
Note 2)Be careful about panel strength in making plural panel holes side by side.
Note 3)Directions of panel insertion of connectors and direction of making holes
must be same when panel holes are made.
端子 
TERMINAL
アプリケータ 
APPLICATOR
パネル取付穴寸法 
PANEL HOLE SIZE
品 番
Part No.
適用電線範囲
Wire Size
被覆外径
Dia of Insulation
材 質
Material
表面処理
Finish
被覆剥き長さ
Stripping length
個数/リール
PCS/Reel
備 考
Reference
Pin
725411-2MAC
♯22∼♯28
φ1.0∼φ1.7mm
リン青銅
Phosphor Bronze
スズメッキ材
Pre-tin Plated
2.0+0.5
−0 mm
10,000×6R
リセ用(Rec)
Socket
725412-2MAC
プラグ用(Plug)
2P
5∼13P
Pin
Socket
3P
4P
12.4±0.1
9.2+0.1
−0
11.7
14.9±0.1
6.7+0.1
9.9±0.1
5.6±0.1
−0
+0.1
−0
A
B±0.1
C±0.1
+0.1
−0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com