Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP9803-M/MSG Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP9803-M/MSG
Description  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9803-M/MSG Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP9803-M/MSG Datasheet HTML 11Page - Microchip Technology MCP9803-M/MSG Datasheet HTML 12Page - Microchip Technology MCP9803-M/MSG Datasheet HTML 13Page - Microchip Technology MCP9803-M/MSG Datasheet HTML 14Page - Microchip Technology MCP9803-M/MSG Datasheet HTML 15Page - Microchip Technology MCP9803-M/MSG Datasheet HTML 16Page - Microchip Technology MCP9803-M/MSG Datasheet HTML 17Page - Microchip Technology MCP9803-M/MSG Datasheet HTML 18Page - Microchip Technology MCP9803-M/MSG Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
 2010 Microchip Technology Inc.
DS21909C-page 15
MCP9800/1/2/3
TABLE 5-1:
BIT ASSIGNMENT SUMMARY FOR ALL REGISTERS
Register
Pointer
P1 P0
MSB/
LSB
Bit Assignment
76
5
4
3
2
1
0
Ambient Temperature Register (TA)
0 0
MSB
Sign
26°C
25°C
24°C
23°C
22°C
21°C
20°C
LSB
2-1°C
2-2°C
2-3°C
2-4°C
0
00
0
Sensor Configuration Register (CONFIG)
0 1
LSB
One-Shot
Resolution
Fault Queue
ALERT
Polarity
COMP/INT Shutdown
Temperature Hysteresis Register (THYST)
1 0
MSB
Sign
26°C
25°C
24°C
23°C
22°C
21°C
20°C
LSB
2-1°C
0
0
0
0
0
0
0
Temperature Limit-Set Register (TSET)
1 1
MSB
Sign
26°C
25°C
24°C
23°C
22°C
21°C
20°C
LSB
2-1°C
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com