Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM6352XSC3B2.2 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM6352XSC3B2.2
Description  Voltage Detector, High-Precision
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6352XSC3B2.2 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM6352XSC3B2.2 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6352XSC3B2.2 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6352XSC3B2.2 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6352XSC3B2.2 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6352XSC3B2.2 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6352XSC3B2.2 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6352XSC3B2.2 Datasheet HTML 7Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EM6352
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 – rev.I
4
www.emmicroelectronic.com
Electrical Characteristics (continued)
Unless otherwise specified: VDD= 0.8V to 5.5V, TA=+25° C (note 1).
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reset timeout period
tPOR
VDD from 0V to VTH (typ)+15% (note 2)
9
500
1090
µs
Propagation delay time
VDD to RESET (RESET) delay
tP
VDD drops from VTH (typ)+0.2V to VTH (typ)-0.2V
(note 2)
2
130
255
µs
VDD>1V
IOL=100µA
-
-
0.3
-40°C to +125°C
VDD>2.5V
IOL=1.5mA
-
-
0.3
Open-drain RESET output
Voltage
VOL
VDD>5V
IOL=3mA
-
-
0.3
V
VDD>1V
IOL=100µA
-
-
0.3
-40°C to +125°C
VDD>2.5V
IOL=1.5mA
-
-
0.3
VOL
VDD>5V
IOL=3mA
-
-
0.3
VDD>1V
IOH=-30µA
0.8
-
-
-40°C to +125°C
VDD>2.5V
IOH=-1.5mA
2
-
-
Push-pull RESET / RESET
Output voltage
VOH
VDD>5V
IOH=-3mA
4
-
-
V
Output leakage current
ILEAK
-40°C to +125°C, only for EM6352Y (open-drain)
-
-
0.5
µA
Note 1: Production tested at +25°C only. Over temperature limits are guaranteed by design, not production tested.
VDD min=0.9V for active-high version (EM6352Z).
Note 2: RESET (RESET) open.
Timing Waveforms
RESET
V
DD
0.8V
V
TH
t
t
logic "1"
logic "0"
t
SEN
t
logic "1"
logic "0"
RESET
t
POR
t
P
V
HYS
RESET
Overdrive
Note 5: tSEN = Maximum Transient Duration. Please refer to figure on next page.
Note 6: Overdrive = VTH- -VDD. Please refer to figure on next page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com