Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDCAN06-2BLY Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDCAN06-2BLY
Description  Automotive dual-line TVS in SOT23-3L for CAN bus
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDCAN06-2BLY Datasheet(HTML) 4 Page - STMicroelectronics

  ESDCAN06-2BLY Datasheet HTML 1Page - STMicroelectronics ESDCAN06-2BLY Datasheet HTML 2Page - STMicroelectronics ESDCAN06-2BLY Datasheet HTML 3Page - STMicroelectronics ESDCAN06-2BLY Datasheet HTML 4Page - STMicroelectronics ESDCAN06-2BLY Datasheet HTML 5Page - STMicroelectronics ESDCAN06-2BLY Datasheet HTML 6Page - STMicroelectronics ESDCAN06-2BLY Datasheet HTML 7Page - STMicroelectronics ESDCAN06-2BLY Datasheet HTML 8Page - STMicroelectronics ESDCAN06-2BLY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1.1
Characteristics (curves)
Figure 2. Maximum peak current versus initial junction temperature
0
1
2
3
4
5
6
0
25
50
75
100
125
150
175
200
Ipp (A)
Tj (°C)
8/20 µs
ESDCAN24-2BLY
ESDCAN01-2BLY
ESDCAN04-2BLY
ESDCAN06-2BLY
Figure 3. Maximum peak pulse current versus exponential
pulse duration
0.1
1
10
0.01
0.1
1
IPP (A)
tp (ms)
Tj initial = 25 °C
ESDCAN24-2BLY
ESDCAN01-2BLY
ESDCAN04-2BLY
ESDCAN06-2BLY
Figure 4. Clamping voltage versus peak pulse current
0.1
1
10
20
25
30
35
40
45
50
55
60
65
70
Ipp (A)
VCL (V)
8/20 µs
ESDCAN24-2BLY
ESDCAN01-2BLY
ESDCAN04-2BLY
ESDCAN06-2BLY
Figure 5. Junction capacitance versus reverse voltage
1
10
100
0
5
10
15
20
25
30
35
40
C (pF)
VR (V)
f = 1 MHz
Vosc = 30 mVRMS
Tj = 25 °C
ESDCAN24-2BLY
ESDCAN01-2BLY
ESDCAN04-2BLY
ESDCAN06-2BLY
Figure 6. Leakage current versus junction temperature
0.0
0.1
1.0
10.0
100.0
25
50
75
100
125
150
IR (nA)
Tj (°C)
VR = VRM
ESDCAN24-2BLY
ESDCAN01-2BLY
ESDCAN04-2BLY
ESDCAN06-2BLY
ESDCANxx-2BLY
Characteristics (curves)
DS11111 - Rev 4
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com