Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ILT Datasheet(PDF) 1 Page - C&K Components

Part # ILT
Description  Illuminated Toggle Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ILT Datasheet(HTML) 1 Page - C&K Components

  ILT Datasheet HTML 1Page - C&K Components ILT Datasheet HTML 2Page - C&K Components ILT Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Typical Applications
• Telecommunications
• Instrumentation
• Medical equipment
Specifications
RATINGS:
20A 12 VDC
CONTACT RESISTANCE:
50 mΩ max.
INSULATION RESISTANCE:
500V DC 1000MΩ min.
DIELECTRIC STRENGTH:
1 Minute 1500V AC
OPERATING TEMPERATURE: -25°C to +85°C
ELECTRICAL LIFE:
10,000 cycles
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
F
9 Dec 21
ILT Series
Illuminated Toggle Switch
Features/Benefits
• LED built in to toggle handle. Save
panel space instead of having an
separate indicator light.
• 6 LED color options to choose from.
Easily determine if the switch is ON
or Off from any distance.
• Electrical ratings up to 20 Amps.
Suitable for high amp, industrial
applications.
• 6.3 quick connect Terminals. Easy
installation. No soldering required.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. For additional options not
shown in catalog, consult Customer Service Center.
Series
ILT
LED Color
01 White LED
02 Red LED
03 Yellow LED
04 Blue LED
05 Green LED
06 Purple LED
L
T
I
F–57
NEW


Similar Part No. - ILT

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
ILT1.5S-C0 PANDUIT-ILT1.5S-C0 Datasheet
149Kb / 2P
STACKABLE CABLE RACK SPACERS
2001
ILT2S PANDUIT-ILT2S Datasheet
92Kb / 3P
BELT-TY INLINE-TIE CABLE TIESILT SERIES
ILT2S-C PANDUIT-ILT2S-C Datasheet
37Kb / 3P
Belt-Ty™ In-Line Cable Ties
ILT2S-M PANDUIT-ILT2S-M Datasheet
92Kb / 3P
BELT-TY INLINE-TIE CABLE TIESILT SERIES
ILT3S PANDUIT-ILT3S Datasheet
92Kb / 3P
BELT-TY INLINE-TIE CABLE TIESILT SERIES
More results

Similar Description - ILT

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
CLS-TC11A12250B LUMEX-CLS-TC11A12250B Datasheet
46Kb / 1P
BLUE LED ILLUMINATED TOGGLE SWITCH
CLS-TC11A12250R LUMEX-CLS-TC11A12250R Datasheet
46Kb / 1P
RED LED ILLUMINATED TOGGLE SWITCH
CLS-TC11A12251B LUMEX-CLS-TC11A12251B Datasheet
47Kb / 1P
BLUE LED ILLUMINATED TOGGLE SWITCH
CLS-TC11A12251G LUMEX-CLS-TC11A12251G Datasheet
47Kb / 1P
GREEN LED ILLUMINATED TOGGLE SWITCH
CLS-TC11A12251R LUMEX-CLS-TC11A12251R Datasheet
47Kb / 1P
RED LED ILLUMINATED TOGGLE SWITCH
CLS-TC11A12252G LUMEX-CLS-TC11A12252G Datasheet
51Kb / 1P
ILLUMINATED TOGGLE SWITCH
CLS-TC11A12252R LUMEX-CLS-TC11A12252R Datasheet
50Kb / 1P
ILLUMINATED TOGGLE SWITCH
CLS-TC11A12252Y LUMEX-CLS-TC11A12252Y Datasheet
51Kb / 1P
ILLUMINATED TOGGLE SWITCH
CLS-TC11A12253R LUMEX-CLS-TC11A12253R Datasheet
51Kb / 1P
ILLUMINATED TOGGLE SWITCH
CLS-TS11A12250G LUMEX-CLS-TS11A12250G Datasheet
48Kb / 1P
GREEN LED ILLUMINATED TOGGLE SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com