Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ER-4-R2-2-CK-A5 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # ER-4-R2-2-CK-A5
Description  Sealed Sub-Miniature Rocker Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ER-4-R2-2-CK-A5 Datasheet(HTML) 1 Page - DB Lectro Inc

  ER-4-R2-2-CK-A5 Datasheet HTML 1Page - DB Lectro Inc ER-4-R2-2-CK-A5 Datasheet HTML 2Page - DB Lectro Inc ER-4-R2-2-CK-A5 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12
B
ES40-R
Sealed Sub-Miniature Rocker Switches
FEATURES
SPECIFICATIONS
MATERIALS
(A)
ER
4
R 2
2
C
A5 S
R
Actuator
Vertical support
Bracket
SP on-none-on
SP on-none-(on)
SP on-off-on
SP (on)-off-(on)
SP on-off-(on)
DP on-none-on
DP on-none-(on)
DP on-off-on
DP (on)-off-(on)
DP on-off-(on)
Contact Material
Q silver plated
R gold plated
G gold over silver
K gold / tin-lead
1. Sealed construction - internal actuator o-ring and epoxy terminal seal standard
2. IP67 protection Degree
CONTACT RATING:R- 0.4 VA max @ 20 V AC or DC
ELECTRICAL LIFE:30,000 make-and-break cycles at full load
CONTACT RESISTANCE: 20 m max. initial @2-4 VDC,100 mA
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,500 V RMS @ sea level.
DEGREE OF PROTECTION : IP67
OPERATING TEMPERATURE: -30 Cto85 C
CASE and BUSHING - glass filled nylon ,6/6 flame retardant heat stabilized (UL94V-0 )
Actuator - Nylon,black standard. Internal o-ring seal standard with all actuator.
CONTACT AND TERMINAL - Copper alloy , gold plated
SWITCH SUPPORT - Brass , tin-lead
TERMINAL SEAL - Epoxy
How do you build the switches you need!!
The ER-4 / ER-5 , please see the (A) ;
The ER-6/ER-7/ER-8/ER-9, please see the (B)
ER-4
ER-4B
ER-4A
ER-4H
ER-4I
ER-5
ER-5B
ER-5A
ER-5H
ER-5I
Switches Function
R1
R2
Std.
7.62
Std.
5.84
Actuator Color
1 white
2 (std.) black
3 Red
Termination
C (std) P.C
(none)
A5S
(std.) snap-in type
A5
straight type
(A)
ES
6
R 2
2
R
S
Actuator
Contact Material
Q silver plated
R gold plated
G gold over silver
K gold / tin-lead
Actuator
R1
R2
Std.
7.62
Std.
5.84
Actuator Color
1 white
2 (std.) black
3 Red
Horizon Right
Angle
ER-6
ER-6B
ER-6A
ER-6H
ER-6I
ER-7
ER-7B
ER-7A
ER-7H
ER-7I
ER-8
ER-8B
ER-8A
ER-8H
ER-8I
ER-9
ER-9B
ER-9A
ER-9H
ER-9I
Switches Function
Vertical Right
Angle
SP on-none-on
SP on-none-(on)
SP on-off-on
SP (on)-off-(on)
SP on-off-(on)
DP on-none-on
DP on-none-(on)
DP on-off-on
DP (on)-off-(on)
DP on-off-(on)
Support Bracket
S
(std.) snap-in type
(none) straight type
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.


Similar Part No. - ER-4-R2-2-CK-A5

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
ER-12LF PROTECHSYSTEMS-ER-12LF Datasheet
1Mb / 8P
MIPS base Motherboard/RMI CPU
logo
Bud Industries, Inc.
ER-16502 BUD-ER-16502 Datasheet
104Kb / 1P
ECONOMIZER CABINET RACK
ER-16503 BUD-ER-16503 Datasheet
104Kb / 1P
ECONOMIZER CABINET RACK
ER-16504 BUD-ER-16504 Datasheet
104Kb / 1P
ECONOMIZER CABINET RACK
ER-16505 BUD-ER-16505 Datasheet
104Kb / 1P
ECONOMIZER CABINET RACK
More results

Similar Description - ER-4-R2-2-CK-A5

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK14 GREATECS-RK14 Datasheet
526Kb / 4P
Sealed Miniature Rocker & Paddle Switches
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
Sub-Miniature Rocker Switches
RK16 GREATECS-RK16 Datasheet
328Kb / 2P
Sealed Sub-Miniature Rocker Switches
RK17 GREATECS-RK17 Datasheet
990Kb / 2P
Sealed Sub-Miniature SMT Rocker Switches SPDT
logo
E-SWITCH
400 E-SWITCH-400 Datasheet
699Kb / 5P
ROCKER SWITCHES - SUB-MINIATURE
400A E-SWITCH-400A Datasheet
485Kb / 5P
ROCKER SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
Sub-Miniature Rocker Switches
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
Sealed Sub-Miniature Rocker Switches
logo
CW Industries
GRB112A8SERIES CWIND-GRB112A8SERIES Datasheet
150Kb / 2P
GRB Series Miniature Sealed Rocker Switches
GRB203A8SERIES CWIND-GRB203A8SERIES Datasheet
156Kb / 2P
GRB Series Miniature Sealed Rocker Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com