Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74F823 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F823
Description  Bus interface registers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F823 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F823 Datasheet HTML 1Page - NXP Semiconductors 74F823 Datasheet HTML 2Page - NXP Semiconductors 74F823 Datasheet HTML 3Page - NXP Semiconductors 74F823 Datasheet HTML 4Page - NXP Semiconductors 74F823 Datasheet HTML 5Page - NXP Semiconductors 74F823 Datasheet HTML 6Page - NXP Semiconductors 74F823 Datasheet HTML 7Page - NXP Semiconductors 74F823 Datasheet HTML 8Page - NXP Semiconductors 74F823 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Philips Semiconductors
Product specification
74F821/822/823/824/825/826
Bus interface registers
2
1996 Jan 05
853-1304 16195
74F821
10-bit bus interface register, non-inverting (3-State)
74F822
10-bit bus interface register, inverting (3-State)
74F823
9-bit bus interface register, non-inverting (3-State)
74F824
9-bit bus interface register, inverting (3-State)
74F825
8-bit bus interface register, non-inverting (3-State)
74F826
8-bit bus interface register, inverting (3-State)
FEATURES
• High speed parallel registers with positive edge-triggered D-type
flip-flops
• High performance bus interface buffering for wide data/address
paths or busses carrying parity
• High impedance PNP base inputs for reduced loading (20µA in
high and low states)
• I
IL is 20µA vs 1000µA for AM29821 series
• Buffered control inputs to reduce AC effects
• Ideal where high speed, light loading, or increased fan-in as
required with MOS microprocessor
• Positive and negative over-shoots are clamped to ground
• 3-State outputs glitch free during power-up and power-down
• Slim Dip 300 mil package
• Broadside pinout compatible with AMD AM 29821-29826 series
• Outputs sink 64mA and source 24mA
• Industrial temperature range available (–40°C to +85°C) for
74F823
DESCRIPTION
The 74F821 series bus interface registers are designed to
eliminate the extra packages required to buffer existing registers and
provide extra data width for wider data/address paths of busses
carrying parity.
The 74F821/74F822 are buffered 10-bit wide versions of the popular
74F374/74F534 functions.
The 74F822 is the inverted output version of 74F821.
The 74F823 and 74F824 are 9-bit wide buffered registers with clock
enable (CE) and master reset (MR) which are ideal for parity bus
interfacing in high microprogrammed systems.
The 74F824 is the inverted version of 74F823.
The 74F825 and 74F826 are 8-bit buffered registers with all the
74F823/74F824 controls plus output enable (OE0, OE1, OE2) to
allow multiuser control of the interface, e.g., CS, DMA, and RD/WR.
They are ideal for uses as an output port requiring high IOL/IOH.
The 74F826 is the inverted version of 74F825.
TYPE
TYPICAL
fmax
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F821, 74F822
180MHz
75mA
74F823, 74F824
180MHz
70mA
74F825, 74F826
180MHz
65mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
INDUSTRIAL RANGE
VCC = 5V ±10%,
Tamb = –40°C to +85°C
PKG. DWG. #
24-pin plastic slim DIP (300mil)
N74F821N, N74F822N, N74F823N,
N74F824N, N74F825N, N74F826N
I74F823N
SOT222-1
24-pin plastic SOL
N74F821D, N74F822D, N74F823D,
N74F824D, N74F825D, N74F826D
I74F823D
SOT137-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com