Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPS22DFTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LPS22DFTR
Description  NFC dynamic tag sensor and processing node evaluation board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DFTR Datasheet(HTML) 1 Page - STMicroelectronics

  LPS22DFTR Datasheet HTML 1Page - STMicroelectronics LPS22DFTR Datasheet HTML 2Page - STMicroelectronics LPS22DFTR Datasheet HTML 3Page - STMicroelectronics LPS22DFTR Datasheet HTML 4Page - STMicroelectronics LPS22DFTR Datasheet HTML 5Page - STMicroelectronics LPS22DFTR Datasheet HTML 6Page - STMicroelectronics LPS22DFTR Datasheet HTML 7Page - STMicroelectronics LPS22DFTR Datasheet HTML 8Page - STMicroelectronics LPS22DFTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
NFCSENSORTAG.BOX: optimized form factor and encapsulated in a plastic
case for testing
ST25DV64KC-JF6D3 dynamic NFC/RFID tag IC with 64-Kbit EEPROM and
fast transfer mode capability
STM32L4P5-CGU6 ultra-low-power Arm® Cortex®-M4 32-bit MCU+FPU, 150
DMIPS, up to 1-MB flash memory, 320-KB SRAM, LCD-TFT, external SMPS
LSM6DSO32X iNEMO 6 DoF inertial module with 32 g accelerometer and
embedded machine learning core
LIS2DUXS12 ultra-low-power 3-axis smart accelerometer with machine
learning core and Qvar
H3LIS331DL MEMS motion sensor: low-power high-g 3-axis digital
accelerometer
LPS22DF low-power and high-precision MEMS nano pressure sensor:
260-1260 hPa absolute digital output barometer
STTS22H low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0
temperature sensor
VD6283TX Ambient Light Sensor with Hybrid filter multispectral and with
embedded light flicker engine
STLQ020 200 mA ultra-low quiescent current LDO
STBC15 ultra-low current consumption linear battery charger (optional
component, not populated)
STSAFE-A110 authentication, state-of-the-art security for peripherals and IoT
devices (optional component, not populated)
M41T62LC low-power serial real-time clocks (RTCs) with alarm (optional
component, not populated)
CR2032 or LIR2032 battery powered (not included)
STM32Cube function pack (FP-SNS-SMARTAG2)
End-to-end proof of concept ecosystem mobile app and cloud dashboard:
DSH-ASSETRACKING web cloud dashboard
STAssetTracking mobile app available on Google Play and App store
Suitable for the following applications:
Internet of things
Supply chain and cold-chain management
Smart building, home, and city
Retail and apparel
Smart packaging
Medical and pharmaceutical
Batteryless sensing
Smart agriculture (soil control, animal tracking)
Asset tracking
Impact detection
Product summary
NFC dynamic
tag sensor and
processing node
evaluation board
STEVAL-
SMARTAG2
Dynamic NFC/RFID
tag IC with 64-
Kbit EEPROM, and
fast transfer mode
capability
ST25DV64KC-
JF6D3
Ultra-low-power
3-axis smart
accelerometer with
machine learning
core and Qvar
LIS2DUXS12TR
Low-power and
high-precision
MEMS nano
pressure sensor:
260-1260 hPa
absolute digital
output barometer
LPS22DFTR
Ambient Light
Sensor with Hybrid
filter multispectral
and with embedded
light flicker engine
VD6283TX45/1
Low power
High-g 3-axis
accelerometer,
SPI/I2C digital
output MEMS
motion sensor,
user-selectable full
scales of ±100g/
±200g/±400g
H3LIS331DLTR
iNEMO inertial
module: always-on
3D accelerometer
and 3D gyroscope
LSM6DSO32XTR
NFC dynamic tag sensor and processing node evaluation board
STEVAL-SMARTAG2
Data brief
DB4876 - rev 1 - November 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LPS22DFTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
1Mb / 54P
Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
30-Sep-2021
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - LPS22DFTR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
STMicroelectronics
UM1793 STMICROELECTRONICS-UM1793 Datasheet
401Kb / 9P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
31-Oct-2014
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface
February 2017 Rev 10
X-NUCLEO-NFC02A1 STMICROELECTRONICS-X-NUCLEO-NFC02A1 Datasheet
311Kb / 10P
Dynamic NFC tag IC expansion board based on M24LR04E for STM32 Nucleo
June 2016 Rev 4
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
AS39513 AMSCO-AS39513 Datasheet
1Mb / 108P
NFC Sensor Tag and Data Logger IC
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
STMicroelectronics
X-NUCLEO-NFC01A1 STMICROELECTRONICS-X-NUCLEO-NFC01A1 Datasheet
197Kb / 3P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
19-Jun-2014
STEVAL-SMARTAG1 STMICROELECTRONICS-STEVAL-SMARTAG1 Datasheet
148Kb / 4P
NFC Dynamic Tag sensor node evaluation board
22-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com