Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLQ015M31R Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLQ015M31R
Description  150 mA, ultra low quiescent current linear voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015M31R Datasheet(HTML) 3 Page - STMicroelectronics

  STLQ015M31R Datasheet HTML 1Page - STMicroelectronics STLQ015M31R Datasheet HTML 2Page - STMicroelectronics STLQ015M31R Datasheet HTML 3Page - STMicroelectronics STLQ015M31R Datasheet HTML 4Page - STMicroelectronics STLQ015M31R Datasheet HTML 5Page - STMicroelectronics STLQ015M31R Datasheet HTML 6Page - STMicroelectronics STLQ015M31R Datasheet HTML 7Page - STMicroelectronics STLQ015M31R Datasheet HTML 8Page - STMicroelectronics STLQ015M31R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2
Pin configuration and description
Figure 2. Pin configuration (top view)
S OT23-5L
AMG140720160901MT
Table 1. Pin description
Pin
Symbol
Functions
3
EN
Enable input
Set VEN = high to turn on the device
Set VEN = low to turn off the device
2
GND
Ground
1
IN
Input voltage
5
OUT
Output voltage
4
NC
Not connected
STLQ015
Pin configuration and description
DS6765 - Rev 7
page 3/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com