Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM6620WS11 Datasheet(PDF) 50 Page - EM Microelectronic - MARIN SA

Part # EM6620WS11
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS11 Datasheet(HTML) 50 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS11 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6620WS11 Datasheet HTML 54Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
50
www.emmicroelectronic.com
Conditions: Vdd=3.0V, T=25°C, with internal voltage regulator (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
ACTIVE Supply Current
(note2,3)
IVDDa2
2.1
3.1
µA
(in active mode with LCD on)
-20 ... 85°C (note2,3)
IVDDa2
3.5
µA
STANDBY Supply Current
IVDDh2
0.5
0.7
µA
(in Halt mode, LCDOff)
-20 ... 85°C
IVDDh2
0.9
µA
SLEEP Supply Current
IVDDs2
0.15
0.28
µA
-20 ... 85°C
IVDDs2
0.3
µA
POR static level
-20 ... 85°C, No Load on Vreg
VPOR2
0.95
1.25
V
RAM data retention
-20 ... 85°C
Vrd2
1.2
V
Regulated voltage
Halt Mode, No Load
Vreg
1.2
1.4
1.7
V
Note 2: LCD Display NOT connected.
Note 3: For test reasons, the user has to provide a test loop with successive writing and reading of two
different addresses (5 instructions should be reserved for this measurement).
18.5 SVLD and Input Comparator
Conditions: Standard operating conditions (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
SVLD voltage Level
-10 ... 60
°C
VSVLD
0.92 VSVLDNom VSVLDNOM
1.08 VSVLDNom
V
-20 ... 85
°C
VSVLD
0.9 VSVLDNom
VSVLDNOM
1.1 VSVLDNom
V
Input Comparator
-10 ... 60
°C
VSVLD
0.92 VSVLDNom VSVLDNOM
1.08 VSVLDNom
V
VINMax=VDD+0.2V
VDD= VSVLDNom
-20 ... 85
°C
VSVLD
0.9 VSVLDNom
VSVLDNOM
1.1 VSVLDNom
V
Input Comparator
voltage dependency
versus VDD
-20 ... 85
°C
dVSVLD/dVDD
-100
mV/V
Note 4: VSVLDNom is coming from the SVLD option Mask definition sheet (chapter 16.1.4).
18.6 Oscillator
Conditions: T=25
°C (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
Temperature stability
+15 ... +35 °C
df/f x dT
0,3
ppm /°C
Voltage stability (note 5)
VDD=1,4 - 1,6 V
df/f x dU
5
ppm /V
Input capacitor
Ref VSS
Cin
5,6
7
8,4
pF
Output capacitor
Ref VSS
Cout
12,1
14
15,9
pF
Transconductance
50mVpp,VDDmin
Gm
2.5
15.0
µA/V
Oscillator start voltage
Tstart < 10 s
Ustart
VDDmin
V
Oscillator start time
VDD > VDDMin
tdosc
0.5
3
s
System start time
(oscillator + cold start +
reset)
tdsys
1.5
4
s
Oscillation detector
frequency
VDD > VDDmin
tDetFreq
12
kHz
Note 5 ; applicable only for the versions without the internal voltage regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com