Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM6621 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6621
Description  Ultra Low Power Microcontroller with 4x20 LCD Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6621 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6621 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
EM6621
03/02 REV. D/444
Copyright
 2002, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
Ultra Low Power Microcontroller with 4x20 LCD Driver
Features
• Low Power
- 2.6 µA
active mode, LCD On
- 0.5 µA standby mode, LCD Off
- 0.1 µA sleep mode
@ 1.5 V, 32 KHz, 20 ºC
• Low Voltage
- 1.2 to 3.6 V
• 2 clocks per instruction cycle
• 72 basic instructions
• ROM 4k x 16 bits
• RAM 128 x 4 bits
• Max. 12 inputs ; port A, port B, port SP
• Max. 8 outputs ; port B, port SP
• Voltage Level Detector, 8 levels software
selectable from 1.2 V up to 4.0 V
• Melody, 7 tones + silence inclusive 4-bit timer
• Universal 10-bit counter, PWM, event counter
• Prescaler down to 1 second ( crystal = 32 KHz )
• 1/1000 sec 12 bit binary coded decimal counter
with hard or software start/stop function
• LCD 20 Segments, 3 or 4 times multiplexed
• 3 wire serial port , 8 bit, master and slave mode
• 5 external interrupts (port A, serial interface)
• 8 internal interrupts (3x prescaler, BCD counter
2x10-bit counter, melody timer, serial interface)
• timer watchdog and oscillation supervisor
Description
The EM6621 is an advanced single chip low cost
CMOS 4-bit microcontroller. It contains ROM, RAM,
LCD driver, power on reset, watchdog timer,
oscillation detection circuit, 10-bit up/down and
event counter, 1ms BCD counter, prescaler, voltage
level detector (Vld), serial interface and several
clock functions. The low voltage feature and low
power consumption make it the most suitable
controller for battery, stand alone and mobile
equipment. The EM6621 is manufactured using EM
Microelectronic's advanced low power (ALP) CMOS
process.
Typical
Applications
• Timing device
• Automotive controls with display
• Intelligent display driver
• Measurement equipment
• Domestic appliance
• Interactive system with display
• Timer / sports timing devices
• Bicycle computers
• Safety and security devices
Figure 1. Architecture
Figure 2. Pin Configuration, TQFP52 10 * 10 * 1 mm
(00,&52(/(&7521,&  0$5,1 6$


Similar Part No. - EM6621

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WP11 EMMICRO-EM6620WP11 Datasheet
863Kb / 56P
Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WP27 EMMICRO-EM6620WP27 Datasheet
863Kb / 56P
Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WS11 EMMICRO-EM6620WS11 Datasheet
863Kb / 56P
Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WS27 EMMICRO-EM6620WS27 Datasheet
863Kb / 56P
Ultra Low Power Microcontroller with 4x8 LCD Driver
More results

Similar Description - EM6621

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000 Datasheet
1Mb / 39P
Low-Power LCD Microcontroller
Rev 2; 12/04
logo
EM Microelectronic - MA...
EM6520 EMMICRO-EM6520 Datasheet
685Kb / 55P
MFP version of EM6620 Ultra Low Power Microcontroller 4x8 LCD Driver
EM6522 EMMICRO-EM6522 Datasheet
1Mb / 68P
MFP version of EM6622 Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6622 EMMICRO-EM6622 Datasheet
892Kb / 70P
Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6625 EMMICRO-EM6625 Datasheet
988Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6626 EMMICRO-EM6626 Datasheet
1Mb / 69P
Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6821 EMMICRO-EM6821 Datasheet
1Mb / 68P
Ultra Low Power uController with 4x20 LCD Driver
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000_08 Datasheet
496Kb / 39P
Low-Power LCD Microcontroller
Rev 10; 7/08
logo
List of Unclassifed Man...
EADIP203B-6NLW ETC2-EADIP203B-6NLW Datasheet
330Kb / 5P
LCD-Modul 4x20 - 6.45mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com