Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG4100/005-1H Datasheet(PDF) 1 Page - DB Lectro Inc

Part # HG4100/005-1H
Description  Subminiature PCB Telecom Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HG4100/005-1H Datasheet(HTML) 1 Page - DB Lectro Inc

  HG4100/005-1H Datasheet HTML 1Page - DB Lectro Inc HG4100/005-1H Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Subminiature PCB Telecom Relay
HG4100
FEATURES
Small size, light weight
DIL pitch PCB mounting
3 coil sensitivity type for choice
High performance/cost ratio
TYPICAL APPLICATIONS
Computer peripherals
Data exchange systems
Home appliances
Acoustic control toys
CONTACT RATING
CONTACT DATA
Form
Min. Load
1 Form C (Z)
Material
Ag, Au plated Ag
Initial Contact Resistance
100 m
Ω max. at 0.1A 6VDC
Service Life
Mechanical
Electrical
107 ops.
105 ops.
UL/CSA RATING
Form
Resistive
1 Form C (Z)
1A, 120VAC/24VDC
5A, 120VAC/24VDC (Pending)
Resistive
1A, 120VAC/24VDC
5A, 120VAC/24VDC (S)
5A (S)
1 mA, 1 VDC
Max. Switching Current
2A
COIL DATA
Coil Voltage
Code
Nominal
Voltage
(VDC)
Sensitivity B
Power Consumption
Sensitivity H
Resistance (
Ω) ±10%
Standard
Must Operate
Voltage max.
(VDC)
Must Release
Voltage min.
(VDC)
003
005
006
009
012
024
3
5
6
9
12
24
20
56
80
180
320
1280
25
70
100
220
400
1600
45
120
180
440
700
2800
2.25
3.75
4.50
6.75
9.00
18.00
0.3
0.5
0.6
0.9
1.2
2.4
0.45W
0.36W
0.2W
CHARACTERISTICS
Operate Time
Release Time
Insulation Resistance
Dielectric Strength
Shock Resistance
Vibration Resistance
Ambient Temperature
Weight
Surge Resistance
5 ms. max.
5 ms. max.
100 M
Ω, at 500 VDC, 50%RH
1250 Vrms, 1 min. between coil and contacts
1500 V, between coil and contacts (FCC Part 68)
500 Vrms, 1 min. between open contacts; 750 Vrms, 1 min for S version
10g, 11ms. functional; 100g, destructive
DA 1.5mm, 10 - 55Hz
-25ºC to 55ºC
4g, approx.
ORDERING DESIGNATION
Example:
HG4100
B/
012 -
1H
S
Model
Footprint
HG4100: Regular
HG4100B: Special
Coil Voltage Code
Version
1: Sealed ; 2: Flux Free
Coil Sensitivity
Nil: Standard 0.36W; B: 0.45W; H: 0.2W
Duty Version
Nil: 2A; S: 5A
HG4100
1/2


Similar Part No. - HG4100/005-1H

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4104 DBLECTRO-HG4104 Datasheet
144Kb / 4P
Miniature General Purpose Relay
HG4104/005-2Z4DCH DBLECTRO-HG4104/005-2Z4DCH Datasheet
144Kb / 4P
Miniature General Purpose Relay
HG4104/005-2Z4DSH DBLECTRO-HG4104/005-2Z4DSH Datasheet
144Kb / 4P
Miniature General Purpose Relay
HG4104/005-2Z6DCH DBLECTRO-HG4104/005-2Z6DCH Datasheet
144Kb / 4P
Miniature General Purpose Relay
HG4104/005-2Z6DSH DBLECTRO-HG4104/005-2Z6DSH Datasheet
144Kb / 4P
Miniature General Purpose Relay
More results

Similar Description - HG4100/005-1H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4078B ETC-HG4078B Datasheet
1Mb / 2P
Subminiature PCB Telecom Relay
logo
Picker Components
PC312 PICKER-PC312 Datasheet
173Kb / 2P
Subminiature PCB Telecom Relay
PC312B PICKER-PC312B Datasheet
171Kb / 2P
Subminiature PCB Telecom Relay
PC322 PICKER-PC322 Datasheet
158Kb / 2P
Subminiature PCB Telecom Relay
PC323 PICKER-PC323 Datasheet
177Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
logo
DB Lectro Inc
HG4516 DBLECTRO-HG4516 Datasheet
59Kb / 2P
Subminiature PCB Telecom Relay
logo
Picker Components
PC312 PICKER-PC312_14 Datasheet
173Kb / 2P
Subminiature PCB Telecom Relay
PC312B PICKER-PC312B_14 Datasheet
173Kb / 2P
Subminiature PCB Telecom Relay
PC322 PICKER-PC322_14 Datasheet
168Kb / 2P
Subminiature PCB Telecom Relay
PC324 PICKER-PC324_14 Datasheet
245Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com