Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG4124L/005-1Z2 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # HG4124L/005-1Z2
Description  Miniature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HG4124L/005-1Z2 Datasheet(HTML) 1 Page - DB Lectro Inc

  HG4124L/005-1Z2 Datasheet HTML 1Page - DB Lectro Inc HG4124L/005-1Z2 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Miniature PCB Power Relay
HG4124L
HG4124L
1/2
COIL DATA
FEATURES
TYPICAL APPLICATIONS
20A contact capacity
1 Form A, 1 Form B and 1 Form C contact form for choice
4 KV dielectric strength between coil and contacts
Sealed and dust cover version available
Household appliances
UL, CUR, TUV approved
Office machine
Vending machine
Air conditioner, refrigerator
AgCdO
50 m
Ω max. at 1A, 24VDC
CONTACT RATING
UL/CUR RATING
CONTACT DATA
Form
Coil Voltage Code
Nominal Voltage
Standard
Sensitive
(VDC)
General Use
Resistive
Motor
Material
Service Life
Mechanical
Electrical
Initial Contact Resistance
Max. Switching Current
Max. Switching Voltage
Max. Switching Power
Rated Load
1 Form A (1H), 1 Form B (1D), 1 Form C (1Z)
1 Form A (1H)
1 Form C (1Z) NO
1 Form B (1D)
1 Form C (1Z) NC
16A, 240VAC/24VDC; 1HP, 240VAC
20A
277VAC/30VDC
3840VA/384W
16A, 240VAC
20A, 277VAC / 24VDC
1HP, 240VAC
005
006
009
012
018
024
048
060
5
6
9
12
18
24
48
60
36
50
115
200
0.72W
0.55W
460
820
3300*
5100*
47
68
160
275
650
1100*
4170*
7000*
3.6
4.3
6.5
8.6
13.0
17.3
34.6
43.2
0.5
0.6
0.9
1.2
1.8
2.4
4.8
6.0
107 ops.
105 ops.
Must Operate
(VDC)
Voltage max.
Must Release
(VDC)
Voltage min.
CHARACTERISTICS
Operate Time
15 ms. max.
5 ms. max.
1000 M
Ω, at 500 VDC, 50%RH
10 g, 11ms. functional; 100g, destructive
4000 Vrms, 1 min. between coil and contacts
1000 Vrms, 1 min. between open contacts
DA 1.5mm, 10 - 55 Hz
-40ºC to 70ºC
18.5 g, approx.
Release Time
Insulation Resistance
Shock Resistance
Vibration Resistance
Ambient Temperature
Weight
Dielectric Strength
ORDERING DESIGNATION
1H: 1 Form A; 1D: 1 Form B; 1Z: 1 Form C
1: Sealed; 2: Dust Cover
Nil: Standard 0.72W; H: Sensitive 0.55W
Example:
HG4124L /
012 -
1Z
1
H
Model
Contact Form
Version
Coil Sensitivity
Coil Voltage Code
Resistance (
Ω)±10%
Power Consumption


Similar Part No. - HG4124L/005-1Z2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4124 DBLECTRO-HG4124 Datasheet
89Kb / 2P
Miniature PCB Power Relay
HG4124/003-1H1 DBLECTRO-HG4124/003-1H1 Datasheet
89Kb / 2P
Miniature PCB Power Relay
HG4124/003-1H1Q DBLECTRO-HG4124/003-1H1Q Datasheet
89Kb / 2P
Miniature PCB Power Relay
HG4124/003-1H2 DBLECTRO-HG4124/003-1H2 Datasheet
89Kb / 2P
Miniature PCB Power Relay
HG4124/003-1H2Q DBLECTRO-HG4124/003-1H2Q Datasheet
89Kb / 2P
Miniature PCB Power Relay
More results

Similar Description - HG4124L/005-1Z2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
MINIATURE PCB POWER RELAY
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
Miniature PCB Power Relay
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
Miniature PCB Power Relay
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
Miniature Power PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
Miniature Power PCB Relay
T7N MACOM-T7N Datasheet
157Kb / 3P
Miniature Power PCB Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
miniature pcb power relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
miniature pcb power relay
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
miniature pcb power relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com