Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG4502/005-2 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # HG4502/005-2
Description  Heavy Duty Magnetic Latching Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HG4502/005-2 Datasheet(HTML) 1 Page - DB Lectro Inc

  HG4502/005-2 Datasheet HTML 1Page - DB Lectro Inc HG4502/005-2 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy Duty Magnetic Latching Relay
HG4502
FEATURES
TYPICAL APPLICATIONS
Energy-conscious design, one pulse will
be enough to complete switching
Compact structure
Prepaid card electric meter
Others
Single, dual coil version available
Contact status indicator version available
CONTACT DATA
Form
Material
Rated Load
Initial Contact Resistance
Service Life
Mechanical
Electrical
1 Form B (D), 1 Form A (H)
AgCdO
60A, 220VAC
5 m
Ω, max. at 0.1A, 6VDC
105 ops.
104 ops.
COIL DATA
Single
Type
Dual
Coil Voltage Code
005
009
012
024
005
009
012
024
5
9
12
24
5
9
12
24
25
80
145
575
13
40
73
288
2.0 - 3.5
3.6 - 6.0
4.8 - 8.5
9.6 - 16.8
2.0 - 3.5
3.6 - 6.0
4.8 - 8.5
9.6 - 16.8
Nominal Voltage
( VDC)
Operate Voltage
( VDC)
Resistance
(
Ω) ±10%
CHARACTERISTICS
Operate Time
Release Time
Insulation Resistance
Dielectric Strength
Shock Resistance
Vibration Resistance
Power Consumption
Temperature Rise
Ambient
Weight
8 ms. typical
10 g, 11ms.
DA 1.5 mm; 20 - 200Hz
Single Coil: 1W, pulse width: 30 ms.
Dual Coil: 2W, pulse width: 30 ms.
46 g, approx.
Cover: 26ºC; Terminals: 36ºC, approx.
-40ºC to 70ºC
8 ms. typical
1000 M
Ω, at 500 VDC, 50%RH
4000 Vrms, 1 min. between coil and contacts
2000 Vrms, 1 min. between open contacts
HG4502
1/2
ORDERING DESIGNATION
HG4502 /
012 -
S
D
1
Example:
Model
Coil Voltage Code
Coil Form
Status Indicator
Mounting Type
Nil: Nil; D: With Indicator
Nil: Vertical; 1: Flat; 2: Lateral
Nil: Single Coil; S: Dual Coil


Similar Part No. - HG4502/005-2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4503 DBLECTRO-HG4503 Datasheet
56Kb / 2P
Subminiature PCB Power Relay
HG4503/003-H1C DBLECTRO-HG4503/003-H1C Datasheet
56Kb / 2P
Subminiature PCB Power Relay
HG4503/003-H1CL DBLECTRO-HG4503/003-H1CL Datasheet
56Kb / 2P
Subminiature PCB Power Relay
HG4503/003-H1S DBLECTRO-HG4503/003-H1S Datasheet
56Kb / 2P
Subminiature PCB Power Relay
HG4503/003-H1SL DBLECTRO-HG4503/003-H1SL Datasheet
56Kb / 2P
Subminiature PCB Power Relay
More results

Similar Description - HG4502/005-2

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SMAE SANYOU-SMAE Datasheet
493Kb / 3P
Magnetic Latching Relay
SY31D SANYOU-SY31D Datasheet
281Kb / 3P
Magnetic Latching Relay
SY31GN SANYOU-SY31GN Datasheet
279Kb / 3P
Magnetic Latching Relay
SY31X SANYOU-SY31X Datasheet
611Kb / 3P
Magnetic Latching Relay
SY32C SANYOU-SY32C Datasheet
329Kb / 4P
Magnetic Latching Relay
SY32M SANYOU-SY32M Datasheet
640Kb / 5P
Magnetic Latching Relay
SY33 SANYOU-SY33 Datasheet
176Kb / 3P
Magnetic Latching Relay
SY37 SANYOU-SY37 Datasheet
692Kb / 3P
Magnetic Latching Relay
SY38-17 SANYOU-SY38-17 Datasheet
659Kb / 3P
Magnetic Latching Relay
SY73 SANYOU-SY73 Datasheet
722Kb / 3P
Magnetic Latching Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com