Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG4234A/024-DF Datasheet(PDF) 1 Page - DB Lectro Inc

Part # HG4234A/024-DF
Description  Automotive Miniature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HG4234A/024-DF Datasheet(HTML) 1 Page - DB Lectro Inc

  HG4234A/024-DF Datasheet HTML 1Page - DB Lectro Inc HG4234A/024-DF Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automotive Miniature PCB Power Relay
HG4234A
FEATURES
TYPICAL AUTOMOTIVE APPLICATIONS
30A continuous current capacity
Rough construction suitable for automotive uses
Available with open, dust cover and sealed version
Ventilation motor
Power window
Intermittent wiper
Alarm system
Inertia valve control
Rear window heating
Safety belt warning system
CONTACT DATA
COIL DATA
Form
Max. Switching Current
Make
Break
Mechanical
Electrical
1 Form A (H)
60A
45A
NO60A /NC30A
NO30A /NC15A
NO30A /NC15A
30A
30A
20A
20A
1 Form B (D)
1 Form C (Z)
Material
Initial Contact Resistance
Max. Switching Voltage
Max. Continuous Current
Min. Load
Service Life
AgNi0.15, AgCdO, AgSnOInO
100 m
Ω max. at 0.1A, 6VDC
75VDC
0.1A, 12VDC
107 ops.
2 x 105 ops, see Note 4
Coil Voltage
Code
Nominal Voltage
( VDC)
Allowable Voltage
( VDC)
Resistance
(
Ω) ±10%
Must Operate
Voltage max.
( VDC)
Must Release
Voltage min.
( VDC)
006
012
024
6
12
24
27
97
380
3.6
7.2
14.4
11.7
22.2
43.9
0.6
1.2
2.4
CHARACTERISTICS
Operate Time
Release Time
Insulation Resistance
Dielectric Strength
Shock Resistance
Vibration Resistance
Drop Resistance
Power Consumption
Ambient Temperature
Weight
9 ms. typical
7 ms. typical
500 Vrms, 1 min.
20 g, 11ms.
1.5 W, approx.
-40ºC to 125ºC operating; -40ºC to 155ºC storage
Open: 20 g; Covered: 26 g, approx.
10-40Hz: DA 1.27mm; 40-70Hz: 5 g; 70-100Hz: DA 0.5mm; 100-500Hz: 10 g.
1 M height drop on concrete (Covered types only)
100 M
Ω, at 500 VDC, 50%RH
ORDERING DESIGNATION
HG4234A /
012 -
H
1
A
F
Example:
Model
Version
Contact Material
Thermal Class
Nil: Open; 1: Sealed; 2: Dust Cover
Nil: UL Class B; F: UL Class F
Nil: AgNi10; A: AgNi0.15; C: AgCdO; S: AgSnOInO
Coil Voltage Code
Contact Form
H: 1 Form A; D: 1 Form B; Z: 1 Form C
HG4234A
1/2


Similar Part No. - HG4234A/024-DF

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4234 DBLECTRO-HG4234 Datasheet
101Kb / 3P
Miniature PCB / QC Power Relay
HG4234/005A-D1CALF DBLECTRO-HG4234/005A-D1CALF Datasheet
101Kb / 3P
Miniature PCB / QC Power Relay
HG4234/005A-D1CBLF DBLECTRO-HG4234/005A-D1CBLF Datasheet
101Kb / 3P
Miniature PCB / QC Power Relay
HG4234/005A-D1CCLF DBLECTRO-HG4234/005A-D1CCLF Datasheet
101Kb / 3P
Miniature PCB / QC Power Relay
HG4234/005A-D1SALF DBLECTRO-HG4234/005A-D1SALF Datasheet
101Kb / 3P
Miniature PCB / QC Power Relay
More results

Similar Description - HG4234A/024-DF

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC822 PICKER-PC822 Datasheet
215Kb / 2P
Miniature Automotive PCB Power Relay
logo
List of Unclassifed Man...
HG4119 ETC1-HG4119 Datasheet
169Kb / 2P
Automotive Miniature PCB Power Relay
logo
DB Lectro Inc
HG4504 DBLECTRO-HG4504 Datasheet
50Kb / 2P
Automotive Miniature PCB Power Relay
logo
Picker Components
PC822A PICKER-PC822A Datasheet
179Kb / 2P
Miniature Automotive PCB Power Relay
logo
Willow Technologies Ltd
DG29 WILLOW-DG29 Datasheet
248Kb / 2P
miniature automotive pcb power relay
DG31A WILLOW-DG31A Datasheet
310Kb / 2P
miniature automotive pcb power relay
logo
Sanyou Corporation Limi...
SARA SANYOU-SARA Datasheet
88Kb / 3P
Miniature PCB Automotive Relay
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
Miniature PCB Automotive Relay
SARG SANYOU-SARG Datasheet
212Kb / 3P
Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
Miniature PCB Automotive Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com