Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMV1500SDFD Datasheet(PDF) 3 Page - STMicroelectronics

Part # DMV1500SDFD
Description  DAMPER MODULATION DIODE FOR VIDEO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV1500SDFD Datasheet(HTML) 3 Page - STMicroelectronics

  DMV1500SDFD Datasheet HTML 1Page - STMicroelectronics DMV1500SDFD Datasheet HTML 2Page - STMicroelectronics DMV1500SDFD Datasheet HTML 3Page - STMicroelectronics DMV1500SDFD Datasheet HTML 4Page - STMicroelectronics DMV1500SDFD Datasheet HTML 5Page - STMicroelectronics DMV1500SDFD Datasheet HTML 6Page - STMicroelectronics DMV1500SDFD Datasheet HTML 7Page - STMicroelectronics DMV1500SDFD Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DMV1500SD
3/8
Table 7: Turn-On Switching Characteristics
Symbol
Parameter
Test conditions
Value
Unit
Typ.
Max.
tfr
Forward recovery time
Damper
IF = 6 A
dIF/dt = 80 A/µs
VFR = 3 V
Tj = 100°C
350
500
ns
Modul.
IF = 6 A
dIF/dt = 80 A/µs
VFR = 2 V
Tj = 100°C
70
125
VFP
Peak forward voltage
Damper
IF = 6 A
dIF/dt = 80 A/µs
Tj = 100°C
26
36
V
Modul.
IF = 6 A
dIF/dt = 80 A/µs
Tj = 100°C
57.5
Figure 1: Power dissipation versus peak
forward current (triangular waveform,
δ=0.45)
(damper diode)
Figure 2: Power dissipation versus peak
forward current (triangular waveform,
δ=0.45)
(modulation diode)
Figure 3: Average forward current versus
ambient temperature
Figure 4: Forward voltage drop versus forward
current (damper diode)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
P
(W)
F(AV)
I (A)
P
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
P
(W)
F(AV)
I (A)
P
0
1
2
3
4
5
6
7
0
25
50
75
100
125
150
I
(A)
F(AV)
DAMPER diode
MODULATION diode
T
δ=tp/T
tp
R=
th(j-a) Rth(j-c)
T
(°C)
amb
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
I
(A)
FM
V
(V)
FM
T =125°C
(typical values)
j
T =125°C
(maximum values)
j
T =25°C
(maximum values)
j



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com