Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG4124/024-2Z2Q Datasheet(PDF) 1 Page - DB Lectro Inc

Part # HG4124/024-2Z2Q
Description  Miniature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HG4124/024-2Z2Q Datasheet(HTML) 1 Page - DB Lectro Inc

  HG4124/024-2Z2Q Datasheet HTML 1Page - DB Lectro Inc HG4124/024-2Z2Q Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Miniature PCB Power Relay
HG4124
HG4124
1/2
UL /CUR RATING
CONTACT DATA
COIL DATA
Coil Voltage Code
Nominal Voltage
(VDC)
Resistance (
Ω) ±10%
Power Consumption
Must Operate
(VDC)
TYPICAL APPLICATIONS
Home appliances
Office machine
Vending machine
Air conditioner, refrigerator
FEATURES
5A to 10A contact capacity
1 Form A to 2 Form C contact forms for choice
5 KV dielectric strength between coil and contacts
Sealed and dust cover version available
UL, CUR approved
Form
Material
Service Life
Initial Contact Resistance
General Purpose
Resistive
TV
Motor
CONTACT RATING
Form
Rated Load
Max. Switching Current
Max. Switching Voltage
Max. Switching Power
5A, 250VAC/30VDC
10A
250VAC/30VDC
1100VA/150W
10A, 220VAC/30VDC; TV-5
10A
250VAC/30VDC
2200VA/300W
1 Form A (1H)
2 Form A (2H)
10A, 277VAC (NO)
10A, 250VAC/30VDC
10A, 30VDC
8A, 30VDC
3A, 125VDC
5A, 120VAC (NO)
1/3 HP, 250VAC
Mechanical
AgCdO
107 ops.
105 ops.
50 m
Ω max. at 1A, 6VDC
Electrical
1/4 HP, 125VAC (NO)
1 Form C (1Z)
2 Form C (2Z)
1 Form A (1H)
2 Form A (2H)
1 Form C (1Z)
2 Form C (2Z)
Voltage max.
Must Release
(VDC)
Voltage min.
003
005
006
009
012
018
024
048
060
3
5
6
9
12
18
24
48
60
17
0.55W
47
68
160
275
650
1100*
4170*
7000*
2.25
3.75
4.50
6.75
9.00
13.50
18.00
36.00
45.00
0.3
0.5
0.6
0.9
1.2
1.8
2.4
4.8
6.0
CHARACTERISTICS
Operate Time
15 ms. max.
5 ms. max.
1000 M
Ω, at 500 VDC, 50%RH
10 g, 11ms. functional; 100g, destructive
5000 Vrms, 1 min. between coil and contacts
1000 Vrms, 1 min. between open contacts
3000 Vrms, 1 min. between poles
DA 1.5mm, 10 - 55 Hz
-40ºC to 70ºC
18 g, approx.
Release Time
Insulation Resistance
Shock Resistance
Vibration Resistance
Ambient Temperature
Weight
Dielectric Strength
Contact Form
Version
Mounting Version
1H: 1 Form A; 1Z: 1 Form C
1: 1Sealed, 2: Dust Cover
Nil: PCB; Q: Top Flange*
2H: 2 Form A; 2Z: 2 Form C
* Available for 1 Form A, 1 Form C only
ORDERING DESIGNATION
Example:
Model
Coil Voltage Code
HG4124 /
012 -
1Z
2
Q


Similar Part No. - HG4124/024-2Z2Q

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4124L DBLECTRO-HG4124L Datasheet
69Kb / 2P
Miniature PCB Power Relay
HG4124L/005-1D1 DBLECTRO-HG4124L/005-1D1 Datasheet
69Kb / 2P
Miniature PCB Power Relay
HG4124L/005-1D1H DBLECTRO-HG4124L/005-1D1H Datasheet
69Kb / 2P
Miniature PCB Power Relay
HG4124L/005-1D2 DBLECTRO-HG4124L/005-1D2 Datasheet
69Kb / 2P
Miniature PCB Power Relay
HG4124L/005-1D2H DBLECTRO-HG4124L/005-1D2H Datasheet
69Kb / 2P
Miniature PCB Power Relay
More results

Similar Description - HG4124/024-2Z2Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
MINIATURE PCB POWER RELAY
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
Miniature PCB Power Relay
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
Miniature PCB Power Relay
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
Miniature Power PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
Miniature Power PCB Relay
T7N MACOM-T7N Datasheet
157Kb / 3P
Miniature Power PCB Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
miniature pcb power relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
miniature pcb power relay
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
miniature pcb power relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com