Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL-HJXBXGX22F-R Datasheet(PDF) 2 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-HJXBXGX22F-R
Description  PLCC/Ceramic Based LED Components
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-HJXBXGX22F-R Datasheet(HTML) 2 Page - American Bright OPTOELECTRONICS CORP.

  BL-HJXBXGX22F-R Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-HJXBXGX22F-R Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-HJXBXGX22F-R Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-HJXBXGX22F-R Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-HJXBXGX22F-R Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-HJXBXGX22F-R Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-HJXBXGX22F-R Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-HJXBXGX22F-R Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-HJXBXGX22F-R Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
BL-HJXBXGX22F-R
SI N CE 198 1
● Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Color
Min.
Typ.
Max.
Unit
Red
-
2.0
2.4
Green
-
3.0
3.6
Forward Voltage
VF
IF=20mA
Blue
-
3.2
3.6
V
Red
-
850
-
Green
-
2000
-
Luminous Intensity
Iv
IF=20mA
Blue
-
400
mcd
Red
-
630
-
Green
-
530
-
Peak Wavelength
λp
IF=20mA
Blue
-
470
-
nm
Red
620
-
630
Green
520
-
530
Dominant Wavelength
λd
IF=20mA
Blue
460
475
nm
Red
-
22
-
Green
-
30
-
Spectral Line Half-width
Δλ
IF=20mA
Blue
-
30
-
nm
Reverse Current
IR
VR=5V
-
-
10
µA
Viewing Angle
2
θ
1/2
IF=20mA
-
120
-
degree
● Typical Electro-Optical Characteristics Curves
VS. FO RW ARD CUR REN T
Fig.5 R ELATIVE LU M IN OUS INTENSITY
10
0
0.5
1.0
1.5
2.0
FOR W ARD C URRENT (m A)
20
30
40
50
AM BIENT TEM PERATURE Ta(
)
⊥
0
A
0.5
1.0
1.5
2.0
2.5
3.0
80
AM BIENT TEM PERATURE Ta(
)
⊥
VS. AM BIENT TEM PERATURE
Fig.4 R ELATIVE LU M INO US IN TENSITY
10
10
0
20
30
40
50
60
20
40
60
100
VS. AM BIENT TEM PERATURE
Fig.2 FOR W ARD CUR REN T
50
0
1
10
20
30
40
FORW ARD VOLTAGE (V)
2
345
FORW ARD VO LTAGE
Fig.3 FORW ARD CURRENT VS.
10
0.2
0.8
0.7
0.3
0.5
0.1
0.9
1.0
0
60
0.4
0.6
80
90
70
50
40
30
20
Fig.6 RADIATION DIAG RAM
(R )
600
(G )
(B)
500
1.0
0.5
0
400
700
WAVELENG TH 竹 (nm)
Fig.1 RELATIVE INTENSITY VS. W AVELENG TH
(G)
(B)
(R)
(G)
(B)
(R)
(G )
(B)
(R)
100
75
50
25
0
-25
Ver1.0 Page: 2 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com