Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGB15M65DF2 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STGB15M65DF2
Description  Trench gate field-stop IGBT M series, 650 V, 15 A low-loss in a D²PAK package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB15M65DF2 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STGB15M65DF2 Datasheet HTML 11Page - STMicroelectronics STGB15M65DF2 Datasheet HTML 12Page - STMicroelectronics STGB15M65DF2 Datasheet HTML 13Page - STMicroelectronics STGB15M65DF2 Datasheet HTML 14Page - STMicroelectronics STGB15M65DF2 Datasheet HTML 15Page - STMicroelectronics STGB15M65DF2 Datasheet HTML 16Page - STMicroelectronics STGB15M65DF2 Datasheet HTML 17Page - STMicroelectronics STGB15M65DF2 Datasheet HTML 18Page - STMicroelectronics STGB15M65DF2 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
STGB15M65DF2
18/19
DocID025356 Rev 4
5
Revision history
Table 10: Document revision history
Date
Revision
Changes
14-Oct-2015
1
First release.
13-Nov-2015
2
Document status promoted from preliminary to production data.
22-Aug-2016
3
Updated Table 2: "Absolute maximum ratings" and Table 6: "IGBT
switching characteristics (inductive load)".
Updated Figure 16: "Switching energy vs. collector current", Figure 17:
"Switching energy vs. gate resistance", Figure 18: "Switching energy
vs. temperature" and Figure 19: "Switching energy vs. collector emitter
voltage".
Changed Figure 11: "Diode VF vs. forward current".
04-May-2017
4
Modified: title, features and applications on cover page.
Modified Table 4: "Static characteristics", Table 5: "Dynamic
characteristics", Table 7: "Diode switching characteristics (inductive
load)".
Updated Section 4: "Package information".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com