Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIMB-708 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-708
Description  LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with HDMI/VGA, DDR4, USB 3.2, M.2, 6 COMs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-708 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-708 Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-708 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
AIMB-708
Ordering Information
Part Number
Chipset
Memory
Display
USB 3.2 Gen 1
USB 2.0
COM
GbE LAN
AMT
M.2
SATA
SW RAID
Intelligent System
Module Support
AIMB-708G2-00A1
H610E
Non-ECC
HDMI + VGA
4
6
6
2
No
1
4
No
No
AIMB-708VG-00A1
H610E
Non-ECC
VGA
2
5
2
1
No
0
4
No
No
Packing List
Part Number
Description
Quantity
1700003194
SATA HDD cable
x2
1960106346T001
I/O port bracket
x1
2041070800
Startup manual
x1
Note: Driver CD is not provided. Please visit Advantech support website for driver download.
I/O View
Optional Accessories
Part Number
Description
1701090401
Single COM port cable (40 cm)
1701092300
Dual COM port cable (28.5 cm)
1970005349T000
CPU cooler for 2U, 4U, and wallmount chassis
(for CPU TDP=35~65W)
1700022749-11/
1700022749-12/
1700022749-13
SATA power cable
1700002204
2-port USB 2.0 cable w/ BKT(27 cm)
PCA-TPMSPI-00A1 dTPM 2.0 SPI module to enable TPM and vPro technologies
Note: Purchasing AIMB-788’s proprietary CPU cooler from Advantech is highly recommended. Other
brands’ CPU coolers are NOT compatible with AIMB-788. Especially the cooler type with fan aside is not
allowed to use on AIMB-788 due to heat dissipation on MOSFET.
Riser Card
Part Number
Description
AIMB-RP10P-01A1E
1U riser card providing 1 PCI slot
AIMB-RF10F-01A1E
1U riser card providing 1 PCIe x 16 slot
AIMB-RP30P-03A1E
2U riser card providing 3 PCI slots
AIMB-RP3PF-21A1E
2U riser card providing 1 PCIe x 16 and 2 PCI slots
AIMB-708G2-00A1
AIMB-708VG-00A1
HDMI
(G2 only)
HDMI
Level Shifter
DDI
VGA
VGA
Line Out,
Mic In
Chrontel CH7517A-BF
eDP
LGA1700 12th Gen
Intel Core
Processor
256 Mbit SPI BIOS
SPI Header
Intel H610E PCH
DDR4 3200
Channel A
DDR4 3200
PCIe x16 Slot
LAN1: Intel I219-V PHY
Channel B
PCIe x16 Gen 4
GbE
Pericom PI7C9X113SL
PCIe to PCI Bridge
PCIe x1
Super I/O
Nuvoton NCT6126D
eSPI Header
eSPI Bus
4 PCI Slot
2 RS-232 (Rear)
Watch Dog Timer
Case Open
8 bit GPIO
RS-232/422/485
(Header, G2 only)
3 RS-232
(Header, G2 only)
PCI 33/66 MHz
LAN2: Intel I226-V NIC
(G2 only)
PCIe x1
2 PCIe x4 Slot
2 PCIe x2 Gen 3
4 SATA 3.0
SATA 3.0 600MB/s
Realtek ALC888S
Audio Codec
HD Audio
4 USB 3.2 Gen 1 (Rear)
(2 for VG version)
USB 3.2 Gen 1 5 Gbps
M.2 2280 M-key (G2 only)
PCIe x2 Gen 3
2 USB 2.0 (Header)
USB 2.0 480 Mbps
2 USB 2.0 (Rear)
USB 2.0 480 Mbps
2 USB 2.0 (Internal Type-A)
(1 for VG version)
USB 2.0 480 Mbps



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com