Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QL3012-0PL84M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QL3012-0PL84M
Description  60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL3012-0PL84M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QL3012-0PL84M Datasheet HTML 1Page - List of Unclassifed Manufacturers QL3012-0PL84M Datasheet HTML 2Page - List of Unclassifed Manufacturers QL3012-0PL84M Datasheet HTML 3Page - List of Unclassifed Manufacturers QL3012-0PL84M Datasheet HTML 4Page - List of Unclassifed Manufacturers QL3012-0PL84M Datasheet HTML 5Page - List of Unclassifed Manufacturers QL3012-0PL84M Datasheet HTML 6Page - List of Unclassifed Manufacturers QL3012-0PL84M Datasheet HTML 7Page - List of Unclassifed Manufacturers QL3012-0PL84M Datasheet HTML 8Page - List of Unclassifed Manufacturers QL3012-0PL84M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
24
Preliminary
8-24
Military Plastic pASIC 3 Family
Product Summary
The pASIC 3 FPGA family features up to 60,000
usable PLD gates. pASIC 3 FPGAs are fabricated
on a 0.35mm four-layer metal process using Quick-
Logic’s patented ViaLink technology to provide a
unique combination of high performance, high den-
sity, low cost, and extreme ease-of-use.
The pASIC 3 product family contains 1,584 logic
cells. With a maximum of 316 I/Os, and is available
in 208-PQFP and 84-PLCC packages.
Software support for the complete pASIC 3 family is
available through three basic packages. The turnkey
QuickWorks® package provides the most complete
FPGA software solution from design entry to logic
synthesis, to place and route, to simulation. The
QuickWorksTM-Lite and QuickToolsTM packages pro-
vide a solution for designers who use Cadence,
Exemplar, Mentor, Synopsys, Synplicity, Viewlogic,
Veribest, or other third-party tools for design entry,
synthesis, or simulation.
Pinout Diagram 68-Pin CPGA
TABLE 2: 84-pin PLCC
PRODUCT SUMMARY
PINOUT DIAGRAM 84-PIN PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com