Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QSFP28 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QSFP28
Description  100m Parallel MMF 100G SR4 QSFP28 Optical Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QSFP28 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QSFP28 Datasheet HTML 1Page - List of Unclassifed Manufacturers QSFP28 Datasheet HTML 2Page - List of Unclassifed Manufacturers QSFP28 Datasheet HTML 3Page - List of Unclassifed Manufacturers QSFP28 Datasheet HTML 4Page - List of Unclassifed Manufacturers QSFP28 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3
Average Optical Power per Lane
TXPx
-8.4
2.4
dBm
Optical Power OMA per Lane
TxOMA
-6.4
3
dBm
Launch Power [OMA] minus
TDEC per Lane
P-TDEC
-7.3
dBm
TDEC per Lane
TDEC
4.3
dBm
Optical Extinction Ratio
ER
2
dB
Optical Return Loss Tolerance
ORL
12
dB
Encircled Flux
FLX
>86% at 19 um
<30% at 4.5 um
dB
Average Launch Power of OFF
Transmitter, per Lane
-30
dBm
Transmitter Eye mask definition
{X1, X2, X3, Y1, Y2, Y3}
{0.3,0.38,0.45,0.35,0.41,0.5}
2
Receiver Section:
Signaling Speed per Lane
25.78125 ± 100ppm
Gb/s
3
Center Wavelength
λr
840
860
nm
Damage Threshold
DT
3.4
dBm
Average Receive Power per
Lane
RXPx
-10.3
2.4
dBm
Receive Power (OMA) per Lane
RxOMA
3
dBm
Receiver Reflectance
Rfl
-12
dB
Stressed Sensitivity (OMA)
SRS
-5.2
dBm
4
Stressed Conditions:
Stressed Eye Closure
SEC
4.3
dB
Stressed Eye J2 Jitter
J2
0.39
UI
Stressed Eye J4 Jitter
J4
0.53
UI
OMA of each aggressor lane
3
dBm
Stressed Receiver Eye Mask
Definition {X1, X2, X3, Y1, Y2,
Y3}
{0.28,0.5,0.5,0.33,0.33,0.4}
5
Los De-Assert
LOSD
-13
dBm
Los Assert
LOSA
-30
dBm
Los Hysteresis
LOSH
0.5
2
dB
Note:
1. Transmitter consists of 4 lasers operating at a maximum speed of 25.78125Gb/s ±100ppm each.
2. Hit Ratio 1.5 x 10-3 hits/sample.
3. Receiver consists of 4 photo detectors operating at a maximum speed of 25.78125Gb/s±100ppm each.
4. Minimum value is informative only and not the principal indicator of signal strength.
5. Hit Ratio 5 x 10-5 hits/sample
General Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com