Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM6682WS11 Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM6682WS11
Description  Ultra Low Power 8-pin Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6682WS11 Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button EM6682WS11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6682WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6682WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6682WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6682WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6682WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6682WS11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6682WS11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6682WS11 Datasheet HTML 13Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
R
EM6682
Copyright
© 2005, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
4.2 Input Port A Reset
By writing the PA[3/4]ResIn in RegFreqRst registers the PA[3] or PA[4] input becomes dedicated for external reset. This bit is
cleared by POR only. Which input is selected is set by IrqPA[3l/4h] bit from RegPACntl2 register which is described in
Chapter
94H94H
6.
Bit InResAH in the RegFreqRst register selects the PA[3/4] reset function in Active and standby (Halt) mode. If set to ‘0’ the
PA[3/4] reset is inhibited. If Set to ‘1’ than PA[3/4] input goes through a debouncer and needs to respect timing associated
with the debounce clock selection made by DebSel bit in RegPresc register.
This InResetAH bit has no action in sleep mode, where a Hi pulse on PA[3/4] always immediately triggers a system reset.
Overview of control bits and possible reset from PA[3] or PA[4] is specified in table 4.2.1 below.
Table 4.2.1 Possible Reset from PA[3] or PA[4]
PA[3/4]ResIn
InResAH
ACTIVE or STAND-BY mode
SLEEP mode
0
X
NO reset from PA[3] or PA[4]
NO reset from PA[3] or PA[4]
1
0
NO reset from PA[3] or PA[4]
Reset with small analog filter
1
1
Debounce reset with debck of
* Ck[14]/ Ck[11]/ Ck[8] needing
0.25 ms / 2 ms / 16ms Hi pulse typ.
Reset with small analog filter
* Ck[14]/ Ck[11]/ Ck[8] are explained in chapter
95H95H
5.2 Prescaler.
4.3 Digital Watchdog Timer Reset
The Digital Watchdog is a simple, non-programmable, 2-bit timer, that counts on each rising edge of Ck[1]. It will generate
a system reset if it is not periodically cleared. The watchdog timer function can be inhibited by activating an inhibit digital
watchdog bit (NoWDtim) located in RegVLDCntl. At power up, and after any system reset, the watchdog timer is
activated.
If for any reason the CPU stops or stays in a loop where watchdog timer is not periodically cleared, it activates the system
reset signal. This function can be used to detect program overrun, endless loops, etc. For normal operation, the watchdog
timer must be reset periodically by software at least every 2.5 seconds (system clock = 32 KHz), or a system reset signal is
generated.
The watchdog timer is reset by writing a ‘1’ to the WDReset bit in the timer. This resets the timer to zero and timer
operation restarts immediately. When a ‘0’ is written to WDReset there is no effect. The watchdog timer also operates in
standby mode and thus, to avoid a system reset, standby should not be active for more than 2.5 seconds.
From a System Reset state, the watchdog timer will become active after 3.5 seconds. However, if the watchdog timer is
influenced from other sources (i.e. prescaler reset), then it could become active after just 2.5 seconds. It is therefore
recommended to use the Prescaler IRQHz1 interrupt to periodically reset the watchdog every second.
It is possible to read the current status of the watchdog timer in RegSysCntl2. After watchdog reset, the counting
sequence is (on each rising edge of CK[1]) : ‘00’, ‘01’, ‘10’, ‘11’, {WDVal1 WDVal0}). When reaching the ‘11’ state, the
watchdog reset will be active within ½ second. The watchdog reset activates the system reset which in turn resets the
watchdog. If the watchdog is inhibited it’s timer is reset and therefore always reads ‘0’.
Table 4.3.1 Watchdog timer register RegSysCntl2
Bit
Name
Reset
R/W
Description
3
WDReset
0
W
Reset the Watchdog (The Read value is always '0')
1
Resets the Logic Watchdog
0
no action
2
SleepEn
0
R/W
See Operating modes (sleep)
1
WDVal1
0
R
Watchdog timer data 1/4 ck[1]
0
WDVal0
0
R
Watchdog timer data 1/2 ck[1]
3
PORstatus
1 P*
R
Power-On-Reset status
1 P* POR sets the PORstatus bit which is cleared by writing register RegSysCntl1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com