Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSP051-4M5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HSP051-4M5
Description  4-line ESD protection for high speed lines
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP051-4M5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HSP051-4M5 Datasheet HTML 2Page - STMicroelectronics HSP051-4M5 Datasheet HTML 3Page - STMicroelectronics HSP051-4M5 Datasheet HTML 4Page - STMicroelectronics HSP051-4M5 Datasheet HTML 5Page - STMicroelectronics HSP051-4M5 Datasheet HTML 6Page - STMicroelectronics HSP051-4M5 Datasheet HTML 7Page - STMicroelectronics HSP051-4M5 Datasheet HTML 8Page - STMicroelectronics HSP051-4M5 Datasheet HTML 9Page - STMicroelectronics HSP051-4M5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Figure 13. USB 3.2 Gen 1 5.0 Gbps eye diagram without
HSP051-4M5 (with type C connector, reference cable and
equalizer)
100mV/div
33.3ps/div
Figure 14. USB 3.2 Gen 1 10.0 Gbps eye diagram with
HSP051-4M5 (with type C connector, reference cable and
equalizer)
100mV/div
33.3ps/div
Figure 15. HSP051-4M5 ESD response to IEC61000-4-2
(+8 kV contact discharge)
ESD level
Vpp
VCL@30ns VCL@60ns VCL@100ns
+8kV
155V
13V
12V
10V
Figure 16. HSP051-4M5 ESD response to IEC61000-4-2
(-8 kV contact discharge)
ESD level
Vpp
VCL@30ns VCL@60ns VCL@100ns
-8kV
-138V
-8V
-7V
-4V
Figure 17. HSP053-4M5 ESD response to IEC61000-4-2
(+8 kV contact discharge)
ESD level
Vpp
VCL@30ns VCL@60ns VCL@100ns
+8kV
186V
16V
13V
9V
Figure 18. HSP053-4M5 ESD response to IEC61000-4-2
(-8 kV contact discharge)
ESD level
Vpp
VCL@30ns VCL@60ns VCL@100ns
-8kV
-161V
-7V
-5V
-2V
HSP051-4M5, HSP053-4M5
Characteristics (curves)
DS11462 - Rev 4
page 6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com