Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L3G4ISTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L3G4ISTR
Description  MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4ISTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L3G4ISTR Datasheet HTML 16Page - STMicroelectronics L3G4ISTR Datasheet HTML 17Page - STMicroelectronics L3G4ISTR Datasheet HTML 18Page - STMicroelectronics L3G4ISTR Datasheet HTML 19Page - STMicroelectronics L3G4ISTR Datasheet HTML 20Page - STMicroelectronics L3G4ISTR Datasheet HTML 21Page - STMicroelectronics L3G4ISTR Datasheet HTML 22Page - STMicroelectronics L3G4ISTR Datasheet HTML 23Page - STMicroelectronics L3G4ISTR Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Application hints
L3G4IS
20/24
Doc ID 022612 Rev 1
where:
●
AVdd is ON
●
HAVdd is ON
●
OIS mode enabled
●
UI mode enabled
●
I2C (SCL/SDA) is available (internally powered at 1.8 ± 10%
●
DRDY/INT are available
●
Vdd_IO_SPI has been shorted to HAVdd: SPI is now powered by HAVdd.
Note:
For complete external component placement please refer to Figure 3: L3G4IS electrical
connections and external component values.
6.1.4
Configuration 4 (case use)
Figure 7.
L3G4IS power supply configuration 4 (case use)
Note:
For complete external component placement please refer to Figure 3: L3G4IS electrical
connections and external component values.
SCL
DRDY
GND
SDA
1
8
12
5
49
13
16
TOP
VIEW
14
SCL_OIS
CS_OIS
SDI/SDO_OIS
Res
Res
Res
HAVdd
AVdd
INT
GYRO
OIS
CONTROLLER
Rpu = 10kOhm
Rpu
HOST
UI
Rpu = 10kOhm
Rpu
VddI2Cbus
VddI2Cbus
AM10240v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com