Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HC595TTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HC595TTR
Description  8-bit shift register with output latches (3-state)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC595TTR Datasheet(HTML) 3 Page - STMicroelectronics

  M74HC595TTR Datasheet HTML 1Page - STMicroelectronics M74HC595TTR Datasheet HTML 2Page - STMicroelectronics M74HC595TTR Datasheet HTML 3Page - STMicroelectronics M74HC595TTR Datasheet HTML 4Page - STMicroelectronics M74HC595TTR Datasheet HTML 5Page - STMicroelectronics M74HC595TTR Datasheet HTML 6Page - STMicroelectronics M74HC595TTR Datasheet HTML 7Page - STMicroelectronics M74HC595TTR Datasheet HTML 8Page - STMicroelectronics M74HC595TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DocID1989 Rev 6
3/22
M74HC595
Pin information
22
1
Pin information
Figure 1. Pin connection and IEC logic symbols
Table 2. Pin description
Pin no
Symbol
Name and function
1, 2, 3, 4, 5, 6, 7, 15
QA to QH
Data outputs
9
QH’
Serial data outputs
10
SCLR
Shift register clear input
11
SCK
Shift register clock input
13
G
Output enable input
14
SI
Serial data input
12
RCK
Storage register clock input
8
GND
Ground (0 V)
16
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com