Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGP7NC60H Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGP7NC60H
Description  N-channel PowerMESH™ 600 V, 14 A very fast IGBT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP7NC60H Datasheet(HTML) 4 Page - STMicroelectronics

  STGP7NC60H Datasheet HTML 1Page - STMicroelectronics STGP7NC60H Datasheet HTML 2Page - STMicroelectronics STGP7NC60H Datasheet HTML 3Page - STMicroelectronics STGP7NC60H Datasheet HTML 4Page - STMicroelectronics STGP7NC60H Datasheet HTML 5Page - STMicroelectronics STGP7NC60H Datasheet HTML 6Page - STMicroelectronics STGP7NC60H Datasheet HTML 7Page - STMicroelectronics STGP7NC60H Datasheet HTML 8Page - STMicroelectronics STGP7NC60H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STGP7NC60H
4/14
DocID10855 Rev 3
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 4: Static characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter breakdown
voltage
VGE = 0 V, IC = 1 mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 7 A
1.85
2.5
V
VGE = 15 V, IC = 7 A,
TJ = 125 °C
1.7
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 250 µA
3.75
5.75
V
ICES
Collector cut-off current
VGE = 0 V, VCE = 600 V
10
µA
VGE = 0 V, VCE = 600 V,
TC=125 °C (1)
1
mA
IGES
Gate-emitter leakage
current
VCE = 0 V, VGE = ±20 V
±100
nA
Notes:
(1)Defined by design, not subject to production test.
Table 5: Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward
transconductance
VCE= 15 V, IC = 7 A
4.30
S
Cies
Input capacitance
VCE= 25 V, f = 1 MHz, VGE = 0 V
720
pF
Coes
Output capacitance
81
pF
Cres
Reverse transfer
capacitance
17
pF
Qg
Total gate charge
VCE = 390 V, IC = 7 A, VGE = 15 V
(see Figure 18: "Gate charge test
circuit")
35
48
nC
Qge
Gate-emitter charge
7
Qgc
Gate-collector charge
16
ICL
Turn-off SOA
minimum current
Vclamp = 480 V, Tj = 150 °C,
RG
= 10 Ω, VGE = 15 V
50
A
Notes:
(1)Pulsed: Pulse duration= 300 μs, duty cycle 1.5%
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com