Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPN1M50T-H Datasheet(PDF) 10 Page - STMicroelectronics

Part # IPN1M50T-H
Description  SLLIMM-nano IPM, 3-phase inverter, 1 A, 3.6 Ω max., 500 V MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPN1M50T-H Datasheet(HTML) 10 Page - STMicroelectronics

Back Button IPN1M50T-H Datasheet HTML 6Page - STMicroelectronics IPN1M50T-H Datasheet HTML 7Page - STMicroelectronics IPN1M50T-H Datasheet HTML 8Page - STMicroelectronics IPN1M50T-H Datasheet HTML 9Page - STMicroelectronics IPN1M50T-H Datasheet HTML 10Page - STMicroelectronics IPN1M50T-H Datasheet HTML 11Page - STMicroelectronics IPN1M50T-H Datasheet HTML 12Page - STMicroelectronics IPN1M50T-H Datasheet HTML 13Page - STMicroelectronics IPN1M50T-H Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Table 11. Op-amp characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Vic = 0 V, Vo = 7.5 V
6
mV
Iio
Input offset current
Vic = 0 V, Vo = 7.5 V
4
40
nA
Iib
Input bias current (1)
100
200
nA
VOL
Low level output voltage
RL = 10 kΩ to VCC
75
150
mV
VOH
High level output voltage
RL = 10 kΩ to GND
14
14.7
V
Io
Output short-circuit current
Source, Vid = +1 V, Vo = 0 V
16
30
mA
Sink, Vid = -1 V, Vo = VCC
50
80
mA
SR
Slew rate
Vi = 1 - 4 V, CL = 100 pF, unity gain
2.5
3.8
V/µs
GBWP
Gain bandwidth product
Vo = 7.5 V
8
12
MHz
Avd
Large signal voltage gain
RL = 2 kΩ
70
85
dB
SVR
Supply voltage rejection ratio
vs. VCC
60
75
dB
CMRR
Common mode rejection ratio
55
70
dB
1. The direction of input current is out of the IC.
Table 12. Sense comparator characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Iib
Input bias current
VCIN = 1 V
1
µA
Vod
Open-drain low level output
voltage
Iod = 3 mA
0.5
V
RON_OD
Open-drain low level output
resistance
Iod = 3 mA
166
Ω
RPD_SD
SD pull-down resistor (1)
125
kΩ
td_comp
Comparator delay
T/SD/OD pulled to 5 V through 100 kΩ
resistor
90
130
ns
SR
Slew rate
CL = 180 pF, Rpu = 5 kΩ
60
V/µs
tsd
Shutdown to high- / low-side
driver propagation delay
VOUT = 0 V, Vboot = VCC, VIN = 0 to 3.3 V
50
125
200
ns
tisd
Comparator triggering to high- /
low-side driver turn-off
propagation delay
Measured applying a voltage step from
0 V to 3.3 V to pin CIN
50
200
250
1. Equivalent values as a result of the resistances of three drivers in parallel.
STIPN1M50T-H
Control part
DS11494 - Rev 6
page 10/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com