Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95512-WDW6TP Datasheet(PDF) 22 Page - STMicroelectronics

Part # M95512-WDW6TP
Description  512Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-WDW6TP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M95512-WDW6TP Datasheet HTML 18Page - STMicroelectronics M95512-WDW6TP Datasheet HTML 19Page - STMicroelectronics M95512-WDW6TP Datasheet HTML 20Page - STMicroelectronics M95512-WDW6TP Datasheet HTML 21Page - STMicroelectronics M95512-WDW6TP Datasheet HTML 22Page - STMicroelectronics M95512-WDW6TP Datasheet HTML 23Page - STMicroelectronics M95512-WDW6TP Datasheet HTML 24Page - STMicroelectronics M95512-WDW6TP Datasheet HTML 25Page - STMicroelectronics M95512-WDW6TP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
M95512
22/31
Table 12. DC Characteristics (M95512-W, Device Grade 6)
Note: 1. The information contained in Table 12. is subject to change without previous notice.
Table 13. DC Characteristics (M95512-R)
Note: 1. The information contained in Table 13. is subject to change without previous notice.
Symbol
Parameter
Test Condition
(in addition to those in Table 8.)
Min.(1)
Max.(1)
Unit
ILI
Input Leakage Current
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage Current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply Current
C=0.1VCC/0.9VCC at 10MHz,
VCC = 5V, Q = open
5
mA
C = 0.1VCC/0.9VCC at 5MHz,
VCC = 2.5V, Q = open
3
C = 0.1VCC/0.9VCC at 1MHz,
VCC = 2.5V, Q = open
1
ICC1
Supply Current
(Standby Power mode)
S = VCC, VCC = 2.5V, VIN = VSS or VCC
5
µA
S = VCC, VCC = 5V, VIN = VSS or VCC
5
VIL
Input Low Voltage
–0.45
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 1.5 mA, VCC = 2.5 V
0.4
V
VOH
Output High Voltage
IOH = –0.4 mA, VCC = 2.5V
0.8VCC
V
Symbol
Parameter
Test Condition(1)
(in addition to those in Table 9.)
Min.(1)
Max.(1)
Unit
ILI
Input Leakage Current
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage Current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply Current
C=0.1VCC/0.9VCC at 2 MHz,
VCC = 1.8 V, Q = open
1 2
mA
ICC1
Supply Current
(Standby Power mode)
S = VCC, VIN = VSS or VCC, VCC = 1.8 V
3 2
µA
VIL
Input Low Voltage
–0.45
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 0.15 mA, VCC = 1.8 V
0.3
V
VOH
Output High Voltage
IOH = –0.1 mA, VCC = 1.8 V
0.8 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com