Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STE2001DIE1 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STE2001DIE1
Description  65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2001DIE1 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STE2001DIE1 Datasheet HTML 15Page - STMicroelectronics STE2001DIE1 Datasheet HTML 16Page - STMicroelectronics STE2001DIE1 Datasheet HTML 17Page - STMicroelectronics STE2001DIE1 Datasheet HTML 18Page - STMicroelectronics STE2001DIE1 Datasheet HTML 19Page - STMicroelectronics STE2001DIE1 Datasheet HTML 20Page - STMicroelectronics STE2001DIE1 Datasheet HTML 21Page - STMicroelectronics STE2001DIE1 Datasheet HTML 22Page - STMicroelectronics STE2001DIE1 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
19/36
STE2001
Figure 19. communication protocol
SERIAL INTERFACE
The STE2001 serial Interface is a unidirectional link between the display driver and the application supervisor.
It consists of four lines: one for data signals (SDIN), one for clock signals (SCLK), one for the peripheral enable
(SCE) and one for mode selection (SD/C).
The serial interface is active only if the SCE line is set to a logic 0. When SCE line is high the serial peripheral
power consumption is zero.
The STE2001 is always a slave on the bus and receive the communication clock on the SCLK pin from the mas-
ter. The STE2001 is only able to receive data.
Information are exchanged byte-wide. During data transfer, the data line is sampled on the positive SCLK edge.
While SCE pin is high the serial interface is kept in reset.
SD/C line status indicates whether the byte is a command (SD/C =0) or RAM data (SD/C =1);it is read on the
eighth SCLK clock pulse during every byte transfer.
If SCE stays low after the last bit of a command/data byte, the serial interface expects the MSB of the next byte
at the next SCLK positive edge.
A reset pulse on RES pin interrupts the transmission. No data is written into the data RAM and all the internal
registers are cleared.
If SCE is low after the positive edge of RES, the serial interface is ready to receive data.
S
S
011110
0
A0 A
STE2001 ACK
WRITE MODE
READ MODE
R/W
R/W
SLAVE ADDRESS
Co
STE2001 ACK
COMMAND WORD
CONTROL BYTE
MSB........LSB
Co
LAST
N> 0 BYTE
STE2001 ACK
STE2001 ACK
STE2001 ACK
A
1 DC Control Byte
DATA Byte
A
DC Control Byte
A 0
DATA Byte
A P
S
S
011110
0
A1 A
STE2001 ACK
MASTER
P
STE2001
SLAVE ADDRESS
S
011110
0
A
R
/
W
CONTROL BYTE
C
o
D
C
0 00000 A
D01IN1247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com