| Electronic Components Datasheet Search |
|
STE2001DIE2 Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2001DIE2 Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 36 page ![]() 11/36 STE2001 Figure 11. Output drivers rows and logical memory rows correspondence with MY = 0 Figure 12. Output drivers rows and logical memory rows correspondence with MY = 1 Instruction Set Two different instructions formats are provided: - With D/C set to LOW commands are sent to the Control circuitry. - With D/C set to HIGH the Data RAM is addressed Instructions have the syntax summarized in Table.1. Reset (RES) At power-on, all internal registers and RAM content are not defined. A Reset pulse must be applied on RES pad (active low) to initialize the internal registers content (see Tables 3,4,5,&6). Every on-going communication with the host controller is interrupted. The IC after the reset pulse is programmed in Power Down mode. The Default configurations is: - Horizontal addressing (V = 0) - Normal instruction set (H = 0) - Normal display (MX = MY = TRS =BRS = 0) - MUX 65 mode (MUX = 0) D00IN1148 R16 to R23 Row 0 to Row 7 BANK 4 BANK 5 BANK 6 BANK 7 BANK 8 01 23 45 67 123 124 125 121 122 120 126 127 ROW DRIVER MUX 33 PHYSICAL MEMORY ROW R24 to R31 Row 8 to Row15 R48 to R55 Row 16 to Row 23 R56 to R63 Row 24 to Row 31 R64 Row 32 D00IN1148 R16 to R23 Row 0 to Row 7 BANK 4 BANK 5 BANK 6 BANK 7 BANK 8 01 23 45 67 123 124 125 121 122 120 126 127 ROW DRIVER MUX 33 PHYSICAL MEMORY ROW R24 to R31 Row 8 to Row15 R48 to R55 Row 16 to Row 23 R56 to R63 Row 24 to Row 31 R64 Row 32 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |