Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT-1640K-TT-2-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # UT-1640K-TT-2-R
Description  Ultrasonic Transmitter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

UT-1640K-TT-2-R Datasheet(HTML) 1 Page - PUI audio inc.

  UT-1640K-TT-2-R_V01 Datasheet HTML 1Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ultrasonic Transmitter
UT-1640K-TT-2-R
M.V.
M.V.
B.R.
6/1/2016
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
6/1/2016
Date
6/1/2016
Date
6/1/2016
UNLESS OTHERWISE SPECIFIED:
All PURCHASES ARE SUBJECT TO AND
INCORPORATE THE PUI AUDIO TERMS
AND CONDITIONS SALE FOUND AT
http://www.puiaudio.com
/pdf/terms_conditions.pdf
(paper copy available upon request).
DIMENSIONS ARE IN MILLIMETERS,
TOLERANCES ARE 0.5 AND
ANGLES ARE 3 .
UT-1640K-TT-2-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
6/1/2016
A
ADD BANDWITH, PIN LENGTH TOLERANCE CHANGE TO 1mm
1/6/2020
ML
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2011/65/EU COMPLIANT.
4. DESIGNED FOR USE WITH THE UR-1640K-TT-2-R.
SPECIFICATIONS
PARAMETERS
VALUES
UNIT
MAXIMUM INPUT VOLTAGE
20
VRMS
CAPACITANCE
2100 20%
pF
SPL (0 dB=0.0002 BAR)
115
dB
CENTER FREQUENCY
40,000
1,000
Hz
BANDWIDTH
2000
Hz
OPERATING TEMPERATURE
-20 ~ +70
C
STORAGE TEMPERATURE
-30 ~ +80
C
DIRECTIVITY (-6 dB)
80
-
TERMINAL MATERIAL
Sn PLATED COPPER
-
WEIGHT
4.8
grams
16.2
0.3
12.2
0.3
10
1
1
0.05 (2)
10
0.3
POSITIVE (+)


Similar Part No. - UT-1640K-TT-2-R_V01

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
UT-1640K-TT-2-R PUIAUDIO-UT-1640K-TT-2-R Datasheet
275Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - UT-1640K-TT-2-R_V01

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
UTR3 RFSOLUTIONS-UTR3 Datasheet
766Kb / 2P
Ultrasonic Transmitter / Receiver
logo
Magnetrol International...
300-R010-45G MAGNETROL-300-R010-45G Datasheet
546Kb / 36P
Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
335-AA10-G5P MAGNETROL-335-AA10-G5P Datasheet
845Kb / 44P
Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
logo
List of Unclassifed Man...
DL10-01 ETC2-DL10-01 Datasheet
547Kb / 1P
DL10 Ultrasonic Level Transmitter
logo
Pepperl+Fuchs Inc.
UB2000-F42S-U-V15 PF-UB2000-F42S-U-V15 Datasheet
840Kb / 6P
Ultrasonic sensor
UB3000-F42-UK-V95 PF-UB3000-F42-UK-V95 Datasheet
829Kb / 6P
Ultrasonic sensor
UB4000-F42-E4-V15 PF-UB4000-F42-E4-V15 Datasheet
457Kb / 6P
Ultrasonic sensor
UBE15M-F54-H1-V1 PF-UBE15M-F54-H1-V1 Datasheet
692Kb / 4P
Ultrasonic sensor, transmitter
UBE15M-F54-H2-V1 PF-UBE15M-F54-H2-V1 Datasheet
692Kb / 4P
Ultrasonic sensor, transmitter
UBE15M-H1 PF-UBE15M-H1 Datasheet
501Kb / 4P
Ultrasonic sensor, transmitter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com