Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2DUX12TR Datasheet(PDF) 56 Page - STMicroelectronics

Part # LIS2DUX12TR
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12TR Datasheet(HTML) 56 Page - STMicroelectronics

Back Button LIS2DUX12TR Datasheet HTML 52Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 53Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 54Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 55Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 56Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 57Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 58Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 59Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 102 page
background image
Table 104. Identification of sensor in FIFO
TAG_SENSOR_[4:0]
Data in FIFO
00000
FIFO empty
00010
Accelerometer and temperature
00011
Accelerometer only data (2x depth mode)
00100
Timestamp or CFG_CHG
10010
Step counter
11010
MLC result
11011
MLC filter
11100
MLC feature
11101
FSM result
8.42
FIFO_DATA_OUT_X_L (41h) and FIFO_DATA_OUT_X_H (42h)
FIFO data output X (R)
Table 105. FIFO_DATA_OUT_X_H and FIFO_DATA_OUT_X_L registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 106. FIFO_DATA_OUT_X_H and FIFO_DATA_OUT_X_L register description
D[15:0]
FIFO X-axis output
8.43
FIFO_DATA_OUT_Y_L (43h) and FIFO_DATA_OUT_Y_H (44h)
FIFO data output Y (R)
Table 107. FIFO_DATA_OUT_Y_H and FIFO_DATA_OUT_Y_L registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 108. FIFO_DATA_OUT_Y_H and FIFO_DATA_OUT_Y_L register description
D[15:0]
FIFO Y-axis output
LIS2DUX12
FIFO_DATA_OUT_X_L (41h) and FIFO_DATA_OUT_X_H (42h)
DS14071 - Rev 2
page 56/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com