Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9305 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 7Page - STMicroelectronics L9305 Datasheet HTML 8Page - STMicroelectronics L9305 Datasheet HTML 9Page - STMicroelectronics L9305 Datasheet HTML 10Page - STMicroelectronics L9305 Datasheet HTML 11Page - STMicroelectronics L9305 Datasheet HTML 12Page - STMicroelectronics L9305 Datasheet HTML 13Page - STMicroelectronics L9305 Datasheet HTML 14Page - STMicroelectronics L9305 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
4
Input / Output
4.1
Reset (RESn)
The RESn pin is the reset input for the device. If the RESn pin is low, the device is held in an internal reset
state, all outputs channels are disabled, the failsafe pre-drivers are disabled, the FAULTn pin is held low and all
registers are reset to their default values. An internal pull down current source will hold the RESn pin low in case
the pin is open. RESn pin status is echoed in each SPI frame.
4.2
Enable (EN_DR)
The EN_DR pin is used to enable / disable the output stages. When EN_DR pin is low, all channels are disabled,
all fail safe pre-drivers are disabled and the FAULTn pin is pulled low if EN_DR is not masked. The EN_DR pin
can be connected to a general purpose output pin of the microcontroller or to an alternative safety circuit.
When EN_DR pin is set high, all channels are enabled based on their configuration settings and the fail safe
pre-drivers can be controlled through the Fail Safe Configuration Register.
4.3
Channel inputs (INx/NDISx)
The INx/NDISx pins serve two purposes depending on the selected load control method. If the load is controlled
using the internal closed loop current control circuit (referred to as Hardware Mode), INx/NDISx serves as an
enable/disable signal for each channel. When in this mode, if INx/NDISx is high, output control is disabled and
when low output control is enabled.
The second operating mode is referred to as Software Mode. When the device is programmed for Software Mode,
the INx/NDISx pin serves as the PWM input signal to directly control the output drivers. When INx/NDISx is high,
the driving transistor is enabled and the active recirculation transistor is disabled. When INx/NDISx is low, the
driving transistor is disabled and the active recirculation transistor is enabled. The driving transistor and active
recirculation transistor are dependent on the programmed output configuration, high side or low side. High and
low side configurations are explained in Section 6 Current control drivers.
4.4
Fault (FAULTn)
The device sets the FAULTn pin low upon detecting internal and external faults and while the device is in reset.
The FAULTn pin is open drain and requires an external pull-up resistor connected between VDDIO and the
FAULTn pin. A summary of all faults linked to the state of FAULTn are shown in Table 5 and Table 6. Only faults
with specified masking register bits can be masked or unmasked by the user. Faults denoted as “None” are
automatically linked to FAULTn output status. In addition to the items below, RESn is not masked and is linked to
the FAULTn pin by default.
Table 5. Global and external supply fault pin error masking
FAULTn Masking function
Register & Data Bit
Digital Ground Loss Fault
SERVFLTMSK1, D[15]
Analog Ground Loss Fault
SERVFLTMSK1, D[14]
Fail Safe VDS Fault
SERVFLTMSK1, D[10]
EEPROM Trimming Data CRC Error Fault
SERVFLTMSK1, D[8]
SPI Timeout Latch Fault
SERVFLTMSK1, D[7]
SPI Timeout Fault
SERVFLTMSK1, D[6]
VDD Under Voltage Fault
SERVFLTMSK1, D[4]
VDD Over Voltage Fault
None
V3V3A Over Voltage
None
V3V3D Under Voltage
None
L9305
Input / Output
DS12774 - Rev 8
page 11/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com