Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC166DB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC166DB
Description  8-bit parallel-in/serial-out shift register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC166DB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC166DB Datasheet HTML 2Page - NXP Semiconductors 74HC166DB Datasheet HTML 3Page - NXP Semiconductors 74HC166DB Datasheet HTML 4Page - NXP Semiconductors 74HC166DB Datasheet HTML 5Page - NXP Semiconductors 74HC166DB Datasheet HTML 6Page - NXP Semiconductors 74HC166DB Datasheet HTML 7Page - NXP Semiconductors 74HC166DB Datasheet HTML 8Page - NXP Semiconductors 74HC166DB Datasheet HTML 9Page - NXP Semiconductors 74HC166DB Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
December 1990
9
Philips Semiconductors
Product specification
8-bit parallel-in/serial-out shift register
74HC/HCT166
AC WAVEFORMS
Fig.7
Waveforms showing the clock (CP) to output (Q7) propagation delays, the clock pulse width, the output
transition times and the maximum clock frequency.
The changing to output assumes internal Q6 opposite state from Q7.
The number of clock pulses required between the tPLH and tPHL
measurements can be determined from the function table.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3V; VI = GND to 3V.
Fig.8
Waveforms showing the master reset (MR) pulse width, the master reset to output (Q7) propagation delay
and the master reset to clock (CP) removal time.
The number of clock pulses required between the tPLH and tPHL
measurements can be determined from the function table.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3V; VI = GND to 3V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com