Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L78M12CV-DG Datasheet(PDF) 18 Page - STMicroelectronics

Part # L78M12CV-DG
Description  Precision 500 mA regulators
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M12CV-DG Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L78M12CV-DG Datasheet HTML 14Page - STMicroelectronics L78M12CV-DG Datasheet HTML 15Page - STMicroelectronics L78M12CV-DG Datasheet HTML 16Page - STMicroelectronics L78M12CV-DG Datasheet HTML 17Page - STMicroelectronics L78M12CV-DG Datasheet HTML 18Page - STMicroelectronics L78M12CV-DG Datasheet HTML 19Page - STMicroelectronics L78M12CV-DG Datasheet HTML 20Page - STMicroelectronics L78M12CV-DG Datasheet HTML 21Page - STMicroelectronics L78M12CV-DG Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
7
Applications information
7.1
Design considerations
The L78M series of fixed voltage regulators are designed with thermal overload protection that shuts down the
circuit when subjected to an excessive power overload condition, internal short-circuit protection that limits the
maximum current the circuit will pass, and output transistor safe-area compensation that reduces the output short-
circuit as the voltage across the pass transistor is increased. In many low current applications, compensation
capacitors are not required. However, it is recommended that the regulator input be bypassed with a capacitor if
the regulator is connected to the power supply filter with long wire lengths, or if the output load capacitance is
large. An input bypass capacitor should be selected to provide good high-frequency characteristics to insure
stable operation under all load conditions. A 0.33 µF or larger tantalum, mylar, or other capacitor having low
internal impedance at high frequencies should be chosen. The bypass capacitor should be mounted with the
shortest possible leads directly across the regulators input terminals. Normally good construction techniques
should be used to minimize ground loops and lead resistance drops since the regulator has no external sense
lead.
Figure 17. Fixed output regulator
AMG080320171807MT
Note:
Although no output capacitor is need for stability, Co improve transient response if present. CI is required if
regulator is located an appreciable distance from power supply filter.
Figure 18. Constant current regulator
AMG080320171808MT
IO = VXX/R1+Id
L78M
Applications information
DS0425 - Rev 24
page 18/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com