Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMAV340 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STMAV340
Description  Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMAV340 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STMAV340 Datasheet HTML 3Page - STMicroelectronics STMAV340 Datasheet HTML 4Page - STMicroelectronics STMAV340 Datasheet HTML 5Page - STMicroelectronics STMAV340 Datasheet HTML 6Page - STMicroelectronics STMAV340 Datasheet HTML 7Page - STMicroelectronics STMAV340 Datasheet HTML 8Page - STMicroelectronics STMAV340 Datasheet HTML 9Page - STMicroelectronics STMAV340 Datasheet HTML 10Page - STMicroelectronics STMAV340 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STMAV340
5 Electrical Characteristics
7/21
5
Electrical Characteristics
Table 4.
Recommended Operating Conditions
TA = -20 to +70°C
Note: 1 Unused control inputs must be held HIGH or LOW. They should not float.
2 In accordance with IEC61000-4-2, level 4
Table 5.
DC Electrical Characteristics
TA = -40°C to +85°C
Note: 1 Measured by the voltage drop between pin A and B/C pins at the indicated current through the
switch. ON Resistance is determined by the lower of the voltages on the two (A or B/C) pins.
Symbol
Parameter (Note: 1)
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Power Supply Voltage
4.0
5.5
V
VIN
Input Voltage
05.5
V
VOUT
Output Voltage
05.5
V
tr, tf
Input Rise and Fall Time
Switch Control Input
0
5
ns/V
Switch I/O
0
DC
ns/V
TA
Free Air Operating Temperature
-40
+85
°C
VESD
ESD-Human Body Model (HMB) Note: 1
-2
+2
kV
Symbol
Parameter
Test Conditions
VCC(V)
Min.
Typ.
Max.
Unit
Analog Signal Range
5
0
2.0
V
VIK
Clamp Diode Voltage
IIN = -18mA
4.5
-1.2
V
VIH
HIGH Level Input Voltage
4.0-5.5
2.0
V
VIL
LOW Level Input Voltage
4.0-5.5
0.8
V
II
Input Leakage Current
0
≤ VIN ≤ 5.5V
5.5
±10
μA
IOFF
OFF-STATE Leakage
Current
0
≤ A, B ≤ VCC, C ≤ VCC
5.5
±10
μA
RON
Switch ON resistance (1)
VIN = 1.0V, ION = 13mA
4.5
3
7
Ω
VIN = 2.0V, ION = 26mA
4.5
7
10
Ω
ICC
Quiescent Supply Current VIN = VCC or GND, IOUT = 0
5.5
3
μA
ΔI
CC
Increase in ICC per Input
One input at 3.4V
Other inputs at VCC or GND
5.5
2.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com