Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2445CUHF Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2445CUHF
Description  24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2445CUHF Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2445CUHF Datasheet HTML 17Page - Linear Technology LTC2445CUHF Datasheet HTML 18Page - Linear Technology LTC2445CUHF Datasheet HTML 19Page - Linear Technology LTC2445CUHF Datasheet HTML 20Page - Linear Technology LTC2445CUHF Datasheet HTML 21Page - Linear Technology LTC2445CUHF Datasheet HTML 22Page - Linear Technology LTC2445CUHF Datasheet HTML 23Page - Linear Technology LTC2445CUHF Datasheet HTML 24Page - Linear Technology LTC2445CUHF Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC2444/LTC2445/
LTC2448/LTC2449
21
sn2444589 2444589fs
APPLICATIO S I FOR ATIO
Figure 9. Internal Serial Clock, Continuous Operation
CS
SCK
SDI
SDO
BUSY
2444 F10
CONVERSION
SLEEP
DATA OUTPUT
CONVERSION
MSB
BIT 28 BIT 27 BIT 26 BIT 25 BIT 24 BIT 23 BIT 22 BIT 21
BIT 20 BIT 19
BIT 0
LSB
SIG
BIT 29
“0”
BIT 30
EOC
BIT 31
1
0
EN
SGL
A2
A1
A0
OSR3
OSR2
OSR1
OSR0
TWOX
ODD
12345
6
7
89
10
11
12
13
14
32
DON'T CARE
DON'T CARE
VCC
FO
REF+
REF–
CH0
CH7
CH8
CH15
COM
SCK
SDI
SDO
CS
GND
28
35
29
30
8
15
16
23
7
38
37
1,4,5,6,31,32,33
36
34
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
2
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
1µF
2.7V TO 5.5V
LTC2448
4-WIRE
SPI INTERFACE
•
•
•
•
•
•
•
•
•
•
•
•
BUSY
Internal Serial Clock, 2-Wire I/O,
Continuous Conversion
This timing mode uses a 2-wire, all output (SCK and SDO)
interface. The conversion result is shifted out of the device
by an internally generated serial clock (SCK) signal, see
Figure 9. CS may be permanently tied to ground, simplify-
ing the user interface or isolation barrier. The internal
serial clock mode is selected by tying EXT HIGH.
During the conversion, the SCK and the serial data output
pin (SDO) are HIGH (EOC = 1) and BUSY = 1. Once the
conversion is complete, SCK, BUSY and SDO go LOW
(EOC = 0) indicating the conversion has finished and the
device has entered the low power sleep state. The part
remains in the sleep state a minimum amount of time
(≈500ns) then immediately begins outputting data. The
data output cycle begins on the first rising edge of SCK and
ends after the 32nd rising edge. Data is shifted out the SDO
pin on each falling edge of SCK. The internally generated
serial clock is output to the SCK pin. This signal may be
used to shift the conversion result into external circuitry.
EOC can be latched on the first rising edge of SCK and the
last bit of the conversion result can be latched on the 32nd
rising edge of SCK. After the 32nd rising edge, SDO goes
HIGH (EOC = 1) indicating a new conversion is in progress.
SCK remains HIGH during the conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com