Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68AW511AM55NC6T Datasheet(PDF) 4 Page - STMicroelectronics

Part # M68AW511AM55NC6T
Description  4 Mbit (512K x8) 3.0V Asynchronous SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW511AM55NC6T Datasheet(HTML) 4 Page - STMicroelectronics

  M68AW511AM55NC6T Datasheet HTML 1Page - STMicroelectronics M68AW511AM55NC6T Datasheet HTML 2Page - STMicroelectronics M68AW511AM55NC6T Datasheet HTML 3Page - STMicroelectronics M68AW511AM55NC6T Datasheet HTML 4Page - STMicroelectronics M68AW511AM55NC6T Datasheet HTML 5Page - STMicroelectronics M68AW511AM55NC6T Datasheet HTML 6Page - STMicroelectronics M68AW511AM55NC6T Datasheet HTML 7Page - STMicroelectronics M68AW511AM55NC6T Datasheet HTML 8Page - STMicroelectronics M68AW511AM55NC6T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
M68AW511A
4/21
SUMMARY DESCRIPTION
The M68AW511A is a 4 Mbit (4,194,304 bit)
CMOS SRAM, organized as 524,288 words by 8
bits. The device features fully static operation re-
quiring no external clocks or timing strobes, with
equal address access and cycle times. It requires
a single 2.7 to 3.6V supply.
This device has an automatic power-down feature,
reducing the power consumption by over 99%
when deselected.
The M68AW511A is available in two different
packages: 32-lead TSOP Type II and 32-lead SO.
Figure 2. Logic Diagram
Table 1. Signal Names
AI05445c
19
A0-A18
W
DQ0-DQ7
VCC
M68AW511A
G
VSS
8
E
A0-A18
Address Inputs
DQ0-DQ7
Data Input/Output
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com