Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VIM82PU-S1G10-20E-I42WV19 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # VIM82PU-S1G10-20E-I42WV19
Description  Vibration sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VIM82PU-S1G10-20E-I42WV19 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  VIM82PU-S1G10-20E-I42WV19 Datasheet HTML 1Page - Pepperl+Fuchs Inc. VIM82PU-S1G10-20E-I42WV19 Datasheet HTML 2Page - Pepperl+Fuchs Inc. VIM82PU-S1G10-20E-I42WV19 Datasheet HTML 3Page - Pepperl+Fuchs Inc. VIM82PU-S1G10-20E-I42WV19 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Measuring head temperature
-40 ... 85 °C (-40 ... 185 °F) directly at the mounting point
Storage temperature
-40 ... 60 °C (-40 ... 140 °F)
Mechanical specifications
Connection type
plug
Housing material
Stainless steel 1.4305 / AISI 303
Housing length
73.5 mm
Housing width
62 mm
Housing height
46 mm
Degree of protection
IP66 / IP67 only in connected state and correctly mounted housing cover
Connector
Threading
M12
Number of pins
8
Mass
approx. 500 g
General information
Scope of delivery
1 x allen head screw M8 x 20
1 x spring washer M8
1 x seal label
Connection
L+ (24 V DC)
Output 1 + (relay 1)
L- (GND)
4 ... 20 mA Vibration variable
NC
Output 1 - (relay 1)
Output 2 + (relay 2)
Output 2 - (relay 2)
1
2
4
3
5
6
8
7
Installation
Further Documentation
The sensor manual is also available as detailed overall documentation. Among other things, installation, grounding concepts and mounting are
described there in detail.
You can access the manual via the product detail page at www.pepperl-fuchs.com.
Note
The correct electrical connection and the selection of the appropriate grounding concept are crucial for malfunction-free operation of the sensor.
For detailed information you may refer to the manual of the sensor.
Vibration sensor
VIM82PU-S1G10-20E-I42WV19
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com