Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM317BT Datasheet(PDF) 15 Page - STMicroelectronics

Part # LM317BT
Description   1.2 V to 37 V adjustable voltage regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM317BT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LM317BT Datasheet HTML 11Page - STMicroelectronics LM317BT Datasheet HTML 12Page - STMicroelectronics LM317BT Datasheet HTML 13Page - STMicroelectronics LM317BT Datasheet HTML 14Page - STMicroelectronics LM317BT Datasheet HTML 15Page - STMicroelectronics LM317BT Datasheet HTML 16Page - STMicroelectronics LM317BT Datasheet HTML 17Page - STMicroelectronics LM317BT Datasheet HTML 18Page - STMicroelectronics LM317BT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Table 7. TO-220 (single gauge) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.70
c
0.48
0.70
D
15.25
15.75
E
10.00
10.40
e
2.40
2.70
e1
4.95
5.15
F
0.51
0.60
H1
6.20
6.60
J1
2.40
2.72
L
13.00
14.00
L1
3.50
3.93
L20
16.40
L30
28.90
∅P
3.75
3.85
Q
2.65
2.95
LM217, LM317
TO-220 (single gauge) package information
DS0433 - Rev 22
page 15/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34