Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C16-RMC6TG Datasheet(PDF) 34 Page - STMicroelectronics

Part # M24C16-RMC6TG
Description  16-Kbit serial I2C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-RMC6TG Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M24C16-RMC6TG Datasheet HTML 30Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 31Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 32Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 33Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 34Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 35Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 36Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 37Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Revision history
Table 23. Document revision history
Date
Revision
Changes
05-Oct-2012
1
Initial release resulting from splitting datasheet M24C16 revision 17 as follows:
•
M24C16-125 datasheet for automotive products (range 3)
•
M24C16-W M24C16-R M24C16-F (this datasheet) for standard products range
Updated in Section 8: DC and AC parameters:
•
ESD value in Table 15: Operating conditions (voltage range W)
•
Extended temperature range in Table 14: Operating conditions (voltage range F)
•
ICC Standby in Table 32: DC characteristics (M24128-BWvoltage range W, device
grade 6)
Added dimensions in Table 22: M24C16-FCS5TP/S WLCSP 5 bumps package data and
Figure 18: M24C16-FCS5TP/S WLCSP 5 bumps package outline.
19-Mar-2013
2
Reformatted document.
Added UFDFPN5 package.
Rephrased text in Section 6: Initial delivery state.
Renamed Figure 52 and Table 43.
Modified note 1 under Table 24.
10-Jul-2013
3
Updated:
•
Features: cycling performance and data retention
•
Table 31: Memory cell data retention
•
Note (2) under Table 14: Absolute maximum ratings.
Added Table 20: Cycling performance
09-Oct-2013
4
Replaced “WLCSP” by “M24C16-FCS5TP/S WLCSP” across the
document.
Added: Table 17: Operating conditions (voltage range F, for devices
identified by process letter T) and Table 18: Operating conditions
(voltage range F, for all other devices).
Updated:
•
“Single supply voltage” in cover page.
•
Section 1: Description
•
Table 33: DC characteristics (voltage range M24128M24128-BR, M24128-DR
device grade 6) and Table 35: DC characteristics (M24C32M24C02-F, device grade
6 and grade 5)
•
Figure 43: AC measurement I/O waveform (third waveform)
•
Table 70: Ordering information scheme: added note 1 for WLCSP package.
15-Sep-2014
5
Added reference to unsawn wafer availability on:
•
Cover page, Section 9
•
Table 90
•
note 2 on Table 31
•
Updated Figure 4.
Removed figure 5 and table 9 related to revision 4.
Updated:
•
note 1 on Table 29 and Table 31
•
ILI parameter on Table 32, Table 33 and Table 35
•
Table 24
M24C16-W M24C16-R M24C16-F
DS9194 - Rev 11
page 34/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40