Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W400DT Datasheet(PDF) 31 Page - STMicroelectronics

Part # M29W400DT
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400DT Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M29W400DT Datasheet HTML 27Page - STMicroelectronics M29W400DT Datasheet HTML 28Page - STMicroelectronics M29W400DT Datasheet HTML 29Page - STMicroelectronics M29W400DT Datasheet HTML 30Page - STMicroelectronics M29W400DT Datasheet HTML 31Page - STMicroelectronics M29W400DT Datasheet HTML 32Page - STMicroelectronics M29W400DT Datasheet HTML 33Page - STMicroelectronics M29W400DT Datasheet HTML 34Page - STMicroelectronics M29W400DT Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
31/38
M29W400DT, M29W400DB
APPENDIX A. BLOCK ADDRESS TABLE
Table 21. Top Boot Block Addresses
M29W400DT
Table 22. Bottom Boot Block Addresses
M29W400D
#
Size
(Kbytes)
Address Range
(x8)
Address Range
(x16)
10
16
7C000h-7FFFFh
3E000h-3FFFFh
9
8
7A000h-7BFFFh
3D000h-3DFFFh
8
8
78000h-79FFFh
3C000h-3CFFFh
7
32
70000h-77FFFh
38000h-3BFFFh
6
64
60000h-6FFFFh
30000h-37FFFh
5
64
50000h-5FFFFh
28000h-2FFFFh
4
64
40000h-4FFFFh
20000h-27FFFh
3
64
30000h-3FFFFh
18000h-1FFFFh
2
64
20000h-2FFFFh
10000h-17FFFh
1
64
10000h-1FFFFh
08000h-0FFFFh
0
64
00000h-0FFFFh
00000h-07FFFh
#
Size
(Kbytes)
Address Range
(x8)
Address Range
(x16)
10
64
70000h-7FFFFh
38000h-3FFFFh
9
64
60000h-6FFFFh
30000h-37FFFh
8
64
50000h-5FFFFh
28000h-2FFFFh
7
64
40000h-4FFFFh
20000h-27FFFh
6
64
30000h-3FFFFh
18000h-1FFFFh
5
64
20000h-2FFFFh
10000h-17FFFh
4
64
10000h-1FFFFh
08000h-0FFFFh
3
32
08000h-0FFFFh
04000h-07FFFh
2
8
06000h-07FFFh
03000h-03FFFh
1
8
04000h-05FFFh
02000h-02FFFh
0
16
00000h-03FFFh
00000h-01FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com