Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC108S052 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC108S052
Description  8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC108S052 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC108S052 Datasheet HTML 9Page - National Semiconductor (TI) ADC108S052 Datasheet HTML 10Page - National Semiconductor (TI) ADC108S052 Datasheet HTML 11Page - National Semiconductor (TI) ADC108S052 Datasheet HTML 12Page - National Semiconductor (TI) ADC108S052 Datasheet HTML 13Page - National Semiconductor (TI) ADC108S052 Datasheet HTML 14Page - National Semiconductor (TI) ADC108S052 Datasheet HTML 15Page - National Semiconductor (TI) ADC108S052 Datasheet HTML 16Page - National Semiconductor (TI) ADC108S052 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
1.0 Functional Description
The ADC108S052 is a successive-approximation analog-to-
digital converter designed around a charge-redistribution
digital-to-analog converter.
1.1 ADC108S052 OPERATION
Simplified schematics of the ADC108S052 in both track and
hold operation are shown in Figure 4 and Figure 5 respec-
tively. In Figure 4, the ADC108S052 is in track mode: switch
SW1 connects the sampling capacitor to one of eight analog
input channels through the multiplexer, and SW2 balances
the comparator inputs. The ADC108S052 is in this state for
the first three SCLK cycles after CS is brought low.
Figure 5 shows the ADC108S052 in hold mode: switch SW1
connects the sampling capacitor to ground, maintaining the
sampled voltage, and switch SW2 unbalances the compara-
tor. The control logic then instructs the charge-redistribution
DAC to add or subtract fixed amounts of charge to or from
the sampling capacitor until the comparator is balanced.
When the comparator is balanced, the digital word supplied
to the DAC is the digital representation of the analog input
voltage. The ADC108S052 is in this state for the last thirteen
SCLK cycles after CS is brought low.
1.2 SERIAL INTERFACE
An operational timing diagram and a serial interface timing
diagram for the ADC108S052 are shown in The Timing
Diagrams section. CS, chip select, initiates conversions and
frames the serial data transfers. SCLK (serial clock) controls
both the conversion process and the timing of serial data.
DOUT is the serial data output pin, where a conversion result
is sent as a serial data stream, MSB first. Data to be written
to the ADC108S052’s Control Register is placed on DIN, the
serial data input pin. New data is written to DIN with each
conversion.
A serial frame is initiated on the falling edge of CS and ends
on the rising edge of CS. Each frame must contain an integer
multiple of 16 rising SCLK edges. The ADC’s DOUT pin is in
a high impedance state when CS is high and is active when
CS is low. Thus, CS acts as an output enable. Similarly,
SCLK is internally gated off when CS is brought high.
During the first 3 cycles of SCLK, the ADC is in the track
mode, acquiring the input voltage. For the next 13 SCLK
cycles the conversion is accomplished and the data is
clocked out. SCLK falling edges 1 through 4 clock out lead-
ing zeros, falling edges 5 through 14 clock out the conver-
sion result, MSB first, and falling edges 15 and 16 clock out
trailing zeros. If there is more than one conversion in a frame
(continuous conversion mode), the ADC will re-enter the
track mode on the falling edge of SCLK after the N*16th
rising edge of SCLK and re-enter the hold/convert mode on
the N*16+4th falling edge of SCLK. "N" is an integer value.
The ADC108S052 enters track mode under three different
conditions. In Figure 1, CS goes low with SCLK high and the
ADC enters track mode on the first falling edge of SCLK. In
the second condition, CS goes low with SCLK low. Under
this condition, the ADC automatically enters track mode and
the falling edge of CS is seen as the first falling edge of
SCLK. In the third condition, CS and SCLK go low simulta-
20164409
FIGURE 4. ADC108S052 in Track Mode
20164410
FIGURE 5. ADC108S052 in Hold Mode
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com